Electronic Components Datasheet Search
  English  ▼

X  

CFM60M Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM60M
Description  60W MEDICAL OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM60M Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM60M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM60M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V16
1
︳
CFM60M SERIES
60W MEDICAL OPEN FRAME
AC-DC MODULES
Features
* Universal Input Range 90~264VAC
* 2”x 4” Size
* Efficiency to 90%
* Continuous Short Circuit Protection
* No Load Power Consumption<0.5W
* Meets EN55011 and EN55032 Class B
* IEC/EN/UL 60601-1 2MOPP Approval
* IEC/EN/UL 60950-1 Approval
* Meets IEC/EN60335-1
* Meets Class I
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRETN
RIPPLE &
NOISE
NOTE 2
VOLTAGE
ACCURACY
NOTE 1
VOLTAGE
ADJ. Range
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
% EFF
(Typ.)
NOTE5
CFM60M050
5 V
8 A
1%
±1%
4.75~5.25
±0.5%
±1%
82%
CFM60M120
12 V
5 A
1%
±1%
11.4~12.6
±0.5%
±1%
87%
CFM60M150
15 V
4 A
1%
±1%
14.25~15.75
±0.5%
±1%
88%
CFM60M240
24 V
2.5 A
1%
±1%
22.8~25.2
±0.5%
±1%
89%
CFM60M480
48 V
1.25 A
1%
±1%
45.6~50.4
±0.5%
±1%
90%
Specifications are subject to change without notice.


Similar Part No. - CFM60M

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM60C033-DR CINCON-CFM60C033-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM60C050-DR CINCON-CFM60C050-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM60C090-DR CINCON-CFM60C090-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM60C120-DR CINCON-CFM60C120-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM60C150-DR CINCON-CFM60C150-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
More results

Similar Description - CFM60M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFM150M ETC2-CFM150M Datasheet
569Kb / 2P
150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
logo
Delta Electronics, Inc.
MDS-040APS15BA DELTA-MDS-040APS15BA Datasheet
898Kb / 11P
MDS Medical AC-DC Open Frame
MDS-040APS24BA DELTA-MDS-040APS24BA Datasheet
833Kb / 11P
MDS Medical AC-DC Open Frame
MDS-100APS15BA DELTA-MDS-100APS15BA Datasheet
641Kb / 10P
MDS Medical AC-DC Open Frame
MDS-100APS24BA DELTA-MDS-100APS24BA Datasheet
638Kb / 10P
MDS Medical AC-DC Open Frame
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
Medical AC-DC Open Frame
MDS-040APS15B DELTA-MDS-040APS15B Datasheet
561Kb / 10P
Medical AC-DC Open Frame
MDS-040APS18B DELTA-MDS-040APS18B Datasheet
578Kb / 10P
Medical AC-DC Open Frame
MDS-065APS18B DELTA-MDS-065APS18B Datasheet
491Kb / 10P
Medical AC-DC Open Frame
logo
CINCON ELECTRONICS Corp...
CFM40M CINCON-CFM40M Datasheet
542Kb / 3P
40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com