Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT574 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT574
Description  OCTAL 3-STATE NONINVERTING D FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT574 Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT574 Datasheet HTML 1Page - Integral Corp. IN74ACT574 Datasheet HTML 2Page - Integral Corp. IN74ACT574 Datasheet HTML 3Page - Integral Corp. IN74ACT574 Datasheet HTML 4Page - Integral Corp. IN74ACT574 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74ACT574
1
OCTAL 3-STATE
NONINVERTING D FLIP-FLOP
High-Performance Silicon-Gate CMOS
The IN74ACT574 is identical in pinout to the LS/ALS574,
HC/HCT574. The IN74ACT574 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
Data meeting the setup time is clocked to the outputs with the
rising edge of the Clock. The Output Enable input does not affect
the states of the flip-flops, but when Output Enable is high, all
device outputs are forced to the high-impedance state; thus, data
may be stored even when the outputs are not enabled.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT574N Plastic
IN74ACT574DW SOIC
TA = -40° to 85° C for all
packages
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
L
H
H
L
L
L
L
L,H,
X
no
change
H
X
X
Z
X
=
don’t
care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - IN74ACT574

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT574 IKSEMICON-IN74ACT574 Datasheet
323Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74ACT574DW IKSEMICON-IN74ACT574DW Datasheet
323Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74ACT574N IKSEMICON-IN74ACT574N Datasheet
323Kb / 6P
Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74ACT574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A Datasheet
178Kb / 8P
Octal 3-State Noninverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74F564 PHILIPS-74F564 Datasheet
80Kb / 10P
Octal D flip-flop 3-State
1996 Jan 05
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
Octal 3-State Noninverting D Flip-Flop
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
MC54HC574A MOTOROLA-MC54HC574A Datasheet
100Kb / 7P
OCTAL 3-STARE NONINVERTING D FLIP-FLOP
logo
KODENSHI_AUK CORP.
KK74HC374A KODENSHI-KK74HC374A Datasheet
250Kb / 6P
Octal 3-State Noninverting D Flip-Flop
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_11 Datasheet
153Kb / 9P
Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HC574A ONSEMI-MC74HC574A_14 Datasheet
133Kb / 9P
Octal 3-State Noninverting D Flip-Flop
August, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com