Electronic Components Datasheet Search
  English  ▼

X  

1969768 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1969768
Description  Base strip - IPCV 16/ 9-G-10,16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1969768 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1969768 Datasheet HTML 1Page - PHOENIX CONTACT 1969768 Datasheet HTML 2Page - PHOENIX CONTACT 1969768 Datasheet HTML 3Page - PHOENIX CONTACT 1969768 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1969768
10/31/2014   Page 1 / 4
Base strip - IPCV 16/ 9-G-10,16 - 1969768
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 10.16 mm, Color:
green, Contact surface: Silver, Assembly: Soldering
The figure shows a 5-pos. version of
the product
Product Features
 Integrated double steel spring
 Inverted vertical IPC 16 headers for implementing a touch-proof PCB output or a PCB/PCB connection (in combination with PC 6-16 base strips)
 CS-IPC 16/6 for anti-rotation protection during assembly
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
GTIN
Weight per Piece (excluding packing)
35.24 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Length
13.6 mm
Pitch
10.16 mm
Dimension a
81.28 mm
Pin dimensions
0,8 x 1,2
Pin spacing
10.16 mm
Hole diameter
1.7 mm


Similar Part No. - 1969768

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1969760-1 TEC-1969760-1 Datasheet
118Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1969761-1 TEC-1969761-1 Datasheet
119Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1969768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703069 PHOENIX-1703069 Datasheet
75Kb / 3P
Base strip - DFK-IPCV 16/ 3-G-10,16
1703072 PHOENIX-1703072 Datasheet
75Kb / 3P
Base strip - DFK-IPCV 16/ 4-G-10,16
1703108 PHOENIX-1703108 Datasheet
75Kb / 3P
Base strip - DFK-IPCV 16/ 7-G-10,16
1969603 PHOENIX-1969603 Datasheet
81Kb / 4P
Base strip - IPC 16/ 9-G-10,16
1969755 PHOENIX-1969755 Datasheet
82Kb / 4P
Base strip - IPCV 16/ 8-G-10,16
1969823 PHOENIX-1969823 Datasheet
77Kb / 4P
Base strip - IPCV 16/ 7-GF-10,16
1969849 PHOENIX-1969849 Datasheet
77Kb / 4P
Base strip - IPCV 16/ 9-GF-10,16
1969726 PHOENIX-1969726 Datasheet
82Kb / 4P
Base strip - IPCV 16/ 5-G-10,16
1969807 PHOENIX-1969807 Datasheet
77Kb / 4P
Base strip - IPCV 16/ 5-GF-10,16
1969690 PHOENIX-1969690 Datasheet
82Kb / 4P
Base strip - IPCV 16/ 2-G-10,16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com