Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT643 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74ACT643
Description  OCTAL 3-STATE BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT643 Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT643 Datasheet HTML 1Page - Integral Corp. IN74ACT643 Datasheet HTML 2Page - Integral Corp. IN74ACT643 Datasheet HTML 3Page - Integral Corp. IN74ACT643 Datasheet HTML 4Page - Integral Corp. IN74ACT643 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74ACT643
1
OCTAL 3-STATE BUS TRANSCEIVER
High-Speed Silicon-Gate CMOS
The IN74ACT643 is identical in pinout to the LS/ALS643,
HC/HCT643. The IN74ACT623 may be used as a level converter
for interfacing TTL or NMOS outputs to High Speed CMOS
inputs.
The IN74ACT643 is a 3-state transceiver that is used for 2-
way asynchronous communication between data buses. The
device has an active-low Output Enable pin, which is used to
place the I/O ports into high-impedance states. The Direction
control determines whether data flows from A to B or from B to A.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
ORDERING INFORMATION
IN74ACT643N Plastic
IN74ACT643DW SOIC
TA = -40° to 85° C for all
packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data
Transmitted
from Bus B to
Bus A
L
H
Data
Transmitted
from Bus A to
Bus B (inverted)
H
X
Buses
Isolated
(High
Impedance
State)
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND


Similar Part No. - IN74ACT643

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT643 IKSEMICON-IN74ACT643 Datasheet
286Kb / 6P
Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT643DW IKSEMICON-IN74ACT643DW Datasheet
286Kb / 6P
Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT643N IKSEMICON-IN74ACT643N Datasheet
286Kb / 6P
Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT643

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com