Electronic Components Datasheet Search
  English  ▼

X  

CFM130M Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM130M
Description  130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM130M Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM130M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM130M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V11
1
︳CFM130M SERIES
130 WATT MEDICAL
AC-DC POWER SUPPLY
WITH PFC
Features
* Universal Input 80~264Vac
* 2”x 3” Open Frame Compact Size
* 100W with Natural Convection
* 130W with Fan-Cooled
* No Load Input Power Consumption<150mW
* Active PFC Function
* High Efficiency up to 94%
* Continuous Short Circuit Protection
* Meets 2 MOPP IEC/EN60335-1
* EMI Safety Meets ClassⅠ & Class Ⅱ
* Operating Altitude 5000m
Ordering information
CFM130MXXX-
X
Blank: WAFER
B: Base Cooling
C: with Cover
MODEL
OUTPUT
VOLTAGE
OUTPUTCURRENT
RIPPLE&
NOISE
NOTE 2
VOLTAGEA
CCURACY
NOTE 1
LINE
REGULATION
NOTE 3
LOAD
REGULATION
NOTE 4
%EFF.
(typ.)
NOTE 5
Natural
Convection
Fan Cooled
NOTE 7
CFM130M120
12V
8.34A
10.8A
1%
±2%
±0.5%
±1%
93%
CFM130M240
24V
4.2A
5.4A
1%
±2%
±0.5%
±1%
93%
CFM130M360
36V
2.8A
3.6A
1%
±2%
±0.5%
±1%
94%
CFM130M480
48V
2.1A
2.7A
1%
±2%
±0.5%
±1%
94%
Specifications are subject to change without notice.


Similar Part No. - CFM130M

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S120 CINCON-CFM130S120 Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S240 CINCON-CFM130S240 Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S360 CINCON-CFM130S360 Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S480 CINCON-CFM130S480 Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
More results

Similar Description - CFM130M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
Medical Grade AC/DC Power Supply With PFC
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
Medical Grade AC/DC Power Supply With PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
300 WATT AC-DC POWER SUPPLY WITH PFC
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com