Electronic Components Datasheet Search
  English  ▼

X  

DLPC7541 Datasheet(PDF) 5 Page - Texas Instruments

Part # DLPC7541
Description  DLPC7541 High Resolution Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC7541 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC7541 Datasheet HTML 1Page - Texas Instruments DLPC7541 Datasheet HTML 2Page - Texas Instruments DLPC7541 Datasheet HTML 3Page - Texas Instruments DLPC7541 Datasheet HTML 4Page - Texas Instruments DLPC7541 Datasheet HTML 5Page - Texas Instruments DLPC7541 Datasheet HTML 6Page - Texas Instruments DLPC7541 Datasheet HTML 7Page - Texas Instruments DLPC7541 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UBM
Ball pad
Solder mask
BPD.
UBM.
Package side
5
DLPC7541
www.ti.com
DLPS141 – DECEMBER 2019
Product Folder Links: DLPC7541
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.1 Package Data (Preliminary)
Table 1. Package Information
PARAMETER
VALUE
UNITS
Package type
P-HBGA
Number of balls
676
Number of balls (signal/thermal)
612 / 64
Ball pitch
1.00
mm
UBM (under bump metallurgy)
0.48 (See Figure 1)
mm
BPD (ball pad diameter)
0.58 (See Figure 1)
mm
Body dimension
See Mechanical Drawing
mm
Mold compound dimensions
See Mechanical Drawing
mm
Package volume class
350 - 2000 (J-STD-20D)
mm3
Approximate weight
5.64
g
Substrate circuit
Pb-free
Package balls
Pb-free
Solder paste
Pb-free
Solder profile
TC =250°C, TP = 253°C (J-STD-20D)
Moisture sensitivity level
MSL Level 3 (J-STD-20D)
Solder ball composition
SAC305
WIrebond
Cu
Mounting technique
a) Hot air reflow (including the combination of long and/or medium
infrared ray reflow)
b) Long or medium infrared ray reflow
Figure 1. Package Ball Parameters



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com