Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DIPW Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8300DIPW
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DIPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8300DIPW Datasheet HTML 5Page - Texas Instruments DRV8300DIPW Datasheet HTML 6Page - Texas Instruments DRV8300DIPW Datasheet HTML 7Page - Texas Instruments DRV8300DIPW Datasheet HTML 8Page - Texas Instruments DRV8300DIPW Datasheet HTML 9Page - Texas Instruments DRV8300DIPW Datasheet HTML 10Page - Texas Instruments DRV8300DIPW Datasheet HTML 11Page - Texas Instruments DRV8300DIPW Datasheet HTML 12Page - Texas Instruments DRV8300DIPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
4.8 V ≤ VGVDD ≤ 20 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBSTUV_HYS Bootstrap UV hysteresis
Rising to falling threshold
200
mV
tBSTUV
Bootstrap undervoltage deglitch time
6
10
22
µs
7.6 Timing Diagrams
GHx/GLx
INHx/INLx
50%
t
PD
50%
t
PD
Figure 7-1. Propagation Delay(tPD)
GHx
INLx
INHx
tPD_match
tPD_match
GLx
Figure 7-2. Propagation Delay Match (tPD_match)
www.ti.com
DRV8300
SLVSFG5 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com