Electronic Components Datasheet Search
  English  ▼

X  

K145 Datasheet(PDF) 1 Page - Fox Electronics

Part # K145
Description  4.1 x 1.5mm SMD Tuning Fork
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

K145 Datasheet(HTML) 1 Page - Fox Electronics

  K145 Datasheet HTML 1Page - Fox Electronics K145 Datasheet HTML 2Page - Fox Electronics K145 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.1 x 1.5mm SMD Tuning Fork
K145
(former FX145)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: K145 STANDARD SPECIFICATIONS
Drawing Number: K145-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 11/14/2019
STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency
32.768kHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability
Temperature Coefficient
-0.04 PPM/(ƼC)
Temperature Range
Turnover
(TO)
Operating (TOPR)
Storage
(TSTG)
+20ºC ~ +30ºC
-40ºC ~ +85ºC
-55ºC ~ +125ºC
Equivalent Series Resistance (RS) 70kΩ
Load Capacitance (CL)
(See options on page 2)
Insulation Resistance @ 100VDC
500MΩ Min
Drive Level
1.0μW
0.1μW Typ
Aging per year
±3PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds x2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS/Reach Compliant
Yes
Temperature Coefficient
Page 1 of 3
Note: Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, etc. may vary.
‐180
‐160
‐140
‐120
‐100
‐80
‐60
‐40
‐20
0
ppm
°C


Similar Part No. - K145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
K1450 SANYO-K1450 Datasheet
92Kb / 3P
Very High-Speed Switching Applications
logo
MTRONPTI
K1450A MTRONPTI-K1450A Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
K1450AM MTRONPTI-K1450AM Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
logo
Carl Kammerling Interna...
K14540A1 CARL-K14540A1 Datasheet
276Kb / 4P
Marine Padlocks
K14540D CARL-K14540D Datasheet
276Kb / 4P
Marine Padlocks
More results

Similar Description - K145

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
Fox Electronics
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K125 FOX-K125 Datasheet
398Kb / 3P
2 x 1.2mm SMD Tuning Fork
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K13A FOX-K13A Datasheet
302Kb / 3P
3.2 x 1.5mm Auto Grade Tuning Fork
K13L FOX-K13L Datasheet
283Kb / 3P
3.2 x 1.5mm SMD Tuning Fork, Low ESR
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
logo
Transko Electronics, In...
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
logo
Fox Electronics
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com