Electronic Components Datasheet Search
  English  ▼

X  

K255 Datasheet(PDF) 1 Page - Fox Electronics

Part # K255
Description  4.9 x 1.8mm SMD Tuning Fork
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

K255 Datasheet(HTML) 1 Page - Fox Electronics

  K255 Datasheet HTML 1Page - Fox Electronics K255 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.9 x 1.8mm SMD Tuning Fork
K255
(former FX255)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: K255 STANDARD SPECIFICATIONS
Drawing Number: K255-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: MAJ
Approved: BEC
Revision Date: 10/21/2019
STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency
32.768 kHz
Frequency Tolerance @ 25ºC
±20 PPM
Frequency Stability
(Temperature Coefficient)
-0.04 PPM / (ƼC)2
Temperature Range
Turnover
(TO)
Operating (TOPR)
Storage
(TSTG)
+20ºC ~ +30ºC
-40°C ~ +85°C
-55ºC ~ +125ºC
Equivalent Series Resistance (RS) 70 kΩ Max
Load Capacitance (CL)
(See options on page 2)
Insulation Resistance @ 100VDC
500MΩ Min
Drive Level
1.0 µW
0.1 µW Typ
Aging per year
±3 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds x2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Au/Sn
Lead (Pb) Free
Yes
RoHS/Reach Compliant
Yes
Temperature Coefficient
‐180
‐160
‐140
‐120
‐100
‐80
‐60
‐40
‐20
0
‐40‐30‐20‐10 0 102030 405060 7080
ppm
°C
Page 1 of 2
Mechanical / Dimensions (millimeters):
Note: Dimensional drawing is for reference to critical specifications defined by
size measurements. Certain non-critical visual attributes, such as side
castellations, etc. may vary.


Similar Part No. - K255

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
K2559J PETERMANN-K2559J Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
More results

Similar Description - K255

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
FSXLF327 FOX-FSXLF327 Datasheet
140Kb / 2P
SMD Tuning Fork
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K125 FOX-K125 Datasheet
398Kb / 3P
2 x 1.2mm SMD Tuning Fork
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K161 FOX-K161 Datasheet
310Kb / 3P
1.6 x 1.0mm SMD Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com