Electronic Components Datasheet Search
  English  ▼

X  

KFSX Datasheet(PDF) 1 Page - Fox Electronics

Part # KFSX
Description  7x1.5mm SMD Tuning Fork Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

KFSX Datasheet(HTML) 1 Page - Fox Electronics

  KFSX Datasheet HTML 1Page - Fox Electronics KFSX Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7x1.5mm SMD Tuning Fork Crystal
KFSX
(former FSXLF)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: KSFX STANDARD SPECIFICATIONS
Drawing Number: KFSX-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 2/3/2020
STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency
32.768 kHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability
(Temperature Coefficient)
-0.04 PPM / (ƼC)2
Temperature Range
Turnover
(TO)
Operating (TOPR)
Storage
(TSTG)
+20ºC ~ +30ºC
-40°C ~ +85°C
-55ºC ~ +125ºC
Equivalent Series Resistance (RS) 65 kΩ
Load Capacitance (CL)
(See options on page 2)
Insulation Resistance @ 100VDC
500 MΩ Min
Drive Level
1.0 µW
Aging per year
±3 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish
Matte Sn
Lead (Pb) Free
Exemption 7a
RoHS Compliant
Yes
REACH Compliance
Notification of Lead(Pb)
>0.1%(w/w)
Page 1 of 2
Mechanical / Dimensions (millimeters):
Temperature Coefficient
‐180
‐160
‐140
‐120
‐100
‐80
‐60
‐40
‐20
0
‐40‐30‐20‐10 0 10203040 506070 80
ppm
°C
RoHS EXEMPTION 7a: High Temperature solder
(>85% Pb) in crystal seal
Note: Dimensional drawing is for reference to critical specifications defined
by size measurements. Certain non-critical visual attributes, such as side
castellations, etc. may vary.


Similar Part No. - KFSX

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
462Kb / 3P
IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
logo
M-System Co.,Ltd.
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
528Kb / 6P
IEC Appliance Inlet C14 with Filter
04.01.2022
logo
List of Unclassifed Man...
KFS ETC-KFS Datasheet
61Kb / 1P
Machined Aluminum Series
More results

Similar Description - KFSX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-205 ETC1-ECX-205 Datasheet
110Kb / 1P
SMD TUNING FORK CRYSTAL
logo
ECS, Inc.
ECS-2X6-FLX ECS-ECS-2X6-FLX Datasheet
335Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-205X ECS-ECX-205X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-306 ECS-ECX-306 Datasheet
125Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-306X ECS-ECX-306X Datasheet
318Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-31 ECS-ECX-31 Datasheet
475Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-39 ECS-ECX-39 Datasheet
182Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-31B ECS-ECX-31B_14 Datasheet
459Kb / 2P
SMD TUNING FORK CRYSTAL
ECX-71 ECS-ECX-71 Datasheet
170Kb / 2P
SMD TUNING FORK CRYSTAL
ECX-12L ECS-ECX-12L Datasheet
566Kb / 1P
SMD TUNING FORK CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com