Electronic Components Datasheet Search
  English  ▼

X  

O3HS Datasheet(PDF) 3 Page - Fox Electronics

Part # O3HS
Description  HCMOS 3.2x2.5mm SMD Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O3HS Datasheet(HTML) 3 Page - Fox Electronics

  O3HS Datasheet HTML 1Page - Fox Electronics O3HS Datasheet HTML 2Page - Fox Electronics O3HS Datasheet HTML 3Page - Fox Electronics O3HS Datasheet HTML 4Page - Fox Electronics O3HS Datasheet HTML 5Page - Fox Electronics O3HS Datasheet HTML 6Page - Fox Electronics O3HS Datasheet HTML 7Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HCMOS 3.2x2.5mm SMD Oscillator
O3HS DATASHEET
(Former F300, F310, F330, F340 Series)
______________________________________________________________________________________________________
7/29/2020 Updated T ermination finish and MSL info.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O3HS SERIES STANDARD SPECIFICATIONS
Drawing Number: O3HS-DOC-1
Revision: C
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 07/29/2020
Page 3 of 7
2.5V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
0.625 ~ 170.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±5%
Input Current
(IDD)
0.625 ~ 20.000 MHz
>20.000 ~ 40.000 MHz
>40.000 ~ 60.000 MHz
>60.000 ~ 80.000MHz
>80.000 ~ 170.000 MHz
5 mA
9 mA
11 mA
20 mA
30 mA
Standby Current
10 µA
Output Symmetry (50% VDD)
0.625 ~ 84.99999MHz
85.000 ~ 170MHz
45 % ~ 55 %
40 % ~ 60 %
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
6 nS
Output Voltage
(VOL)
(VOH)
10 % VDD
90 % VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
5 mS
Output Disable Time 1
150 nS
Output Enable Time 1
5 mS
• Available Options by Stability & Operating Temp for 2.5V
Frequency
Stability
2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM
-10 ~ +70
0.625 ~ 170.000
±100PPM
-20 ~ +70
0.625 ~ 170.000
±100PPM
-40 ~ +85
0.625 ~ 170.000
±50PPM
-10 ~ +70
0.625 ~ 170.000
±50PPM
-20 ~ +70
0.625 ~ 170.000
±50PPM
-40 ~ +85
0.625 ~ 170.000
±25PPM
-10 ~ +70
0.625 ~ 170.000
±25PPM
-20 ~ +70
0.625 ~ 170.000
±25PPM3
-40 ~ +85
0.625 ~ 170.000
±20PPM3
-10 ~ +70
0.625 ~ 170.000
±20PPM3
-20 ~ +70
0.625 ~ 170.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
3 Inclusive of 25C tolerance and operating temperature range
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN
1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com