Electronic Components Datasheet Search
  English  ▼

X  

CFM200M Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM200M
Description  200 WATT AC-DC POWER SUPPLY WITH PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM200M Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM200M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM200M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM200M Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V16
3
Mechanical Specification
FAN
Air flow
direction
ACL
ACN
10CFM
Air flow
direction
FAN
-Vo
+Vo
0.236 [6.00]
4.606 [117.00]
3.701 [94.00]
4-Φ
0.1
3[Φ
3.3
0]
0.150 [3.80]
4.000 [101.60]
10CFM
+Vo
-Vo
ACN
ACL
PE
PE
PE
FAN V+
FAN V-
LED
0.157 [4.00]
4.291 [109.00]
All Dimensions In Inches(mm)
Tolerance
Inches:x,xxx=±0.02
Millimeters:x,xx=±0.5
CFM200MXXX
CFM200MXXXC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com