Electronic Components Datasheet Search
  English  ▼

X  

CFM300M Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM300M
Description  300 WATT AC-DC POWER SUPPLY WITH PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM300M Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM300M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM300M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM300M Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V13
2
Specifications
CFM300M Series De-rating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …....………......…............................................ 90~264Vac
120~370Vdc
I
nput current …………………………… 100Vac/4A max., 240Vac/1.8A max.
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………..…….…Cold start@25℃ 30A max. @240Vac
Leakage Current ………….………………….…..… 180uA typ., 300uA max.
OUTPUT SPECIFICATIONS:
Isolation
………………………….………………. Input to Output = 4000VAC
Hold-
up Time …………………………………………..… 20ms typ. @115Vac
Over Voltage Protection ……………….....................................…… Latch off
Short Circuit Protection ………………..…….. Hiccup Mode(Auto Recovery)
Temperature Coefficient …………………………………………… ±0.05%/℃
GENERAL SPECIFICATIONS:
Operating Temperature ...............................-40~80℃ (see derating curve)
Storage Temperature ................................................................... -40~85℃
Over Temperature Protection ………….………………….…. Auto Recovery
PS-On Signal
…………………………… Power On: PS-On≦2V (note 12)
Power Off: PS-ON=11-16V, Open Circuit
Power Good/Power Fail(PG)
……………………………. 250ms>PG>50ms
The TTL goes high with 50ms to 250ms after power set up
The TTL goes low at least 5ms before Vo below 90% rated value
Humidity
……………….……………….… 93% RH max. Non-Condensing
Altitude
………..……………………………………………..………..... 3000m
Cooling
…….....… Natural Convection for 200W~250w (see derating curve)
Forced Air Convection(10CFM) for 300W
Switching Frequency ……………………….......60~80KHz typ. @ Full Load
MTBF ………MIL-HDBK-217F, GB, 25℃/115VAC …………. 160Khrs.typ.
Dimensions
Open frame versions
……….. 5.000x3.000x1.421 Inches (127.00x76.20x36.1mm)
-C covered versions.
……….. 5.355x3.425x1.591 Inches (136.00x87.00x40.40mm)
Weight
Open frame versions …………………….….………….. 420g (0.925 Pounds)
-C covered versions .
…………………..…………….. 550g (1.21 Pounds)
SAFETY AND EMC:
Emission and Immunity (Ed.4.0)
… EN55011 Class B, FCC CFR 47 Part 18
IEC61000-3-2(3), IEC61000-4-2(3, 4, 5, 6, 8, 11)
Safety (Ed. 3.1
) …………………….... Class I, IEC60601-1:2005+A1:2012
IEN60601-1:2006+A11:2011+A1+A12, UL ANSI/AAMI ES60601-1
NOTE:
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
ripple&noise measuring @20MHz BW
2. Voltage accuracy is set at 100% rated load and 25℃.Ta.
3. Line regulation is measured from high line to low line with rated load.
4. Load regulation is measured from full to 10% load.
5. Typical efficiency at 230 VAC and full load at 25°C
6. No load power consumption<0.3W by PS on/off remote control.
7. Input connector (CN1) wafer with TAIWAN KING PIN TERMINAL PVHI
series and mate with JST housing VHR series or equivalent.
8. Optional Input connector (CN1) wafer with LONG CHU P3060 series and
mate with MOLEX housing 5195 series or equivalent.
9. Output connector CN4 wafer with JST PH series and mate with JST
housing PH series or equivalent.
10. Output connector CN5 wafer with TAIWAN KING PIN TERMINAL P110I
series and mate with JST housing PH series or equivalent.
11. Output connectors (Vo+ & Vo- with M3 screw) mate with round terminal
and round terminal of the max outer diameter is 6.75mm, max inner
diameter is 3.9mm.
12. PS-ON and GND short, IPS-ON =4.5 mA typical.
CFM300M Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com