Electronic Components Datasheet Search
  English  ▼

X  

CFM351M050 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM351M050
Description  350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM351M050 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM351M050 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM351M050 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V18
2
Specifications
CFM351M Series Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …....…………....…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ……………….…………....................... 50A max. @240Vac
Leakage Current @ 264Vac ……………………………….…..… 300uA max.
OUTPUT SPECIFICATIONS:
Total Rated Output Power ……………………………………………… 350W
Remote Voltage Sense …………….… Compensates for Wire Voltage Drop
Adjustment Range on Vout ………………………….…………………..… ±5%
Hold-up Time …………………………………………………….…… 16ms typ.
Over Voltage Protection ………………..….…… Recycle AC Input to restart
Short Circuit Protection …………....... Hiccup mode(Auto Recovery)
Temperature Coefficient …………………….…………….……….. ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ………………………………………...… Input to output = 5656VDC
Operating Temperature .............………...... -20 ~ 70
(see
℃
Derating Curve)
Storage Temperature ……………………………...….......……....... -40~85℃
Humidity …………………………...….......….. 93% RH max. Non condensing
Switching Frequency .…………............................................. 55KHz Typical
MTBF …...… MIL-HDBK-217F, GB, 25
/115VAC ….…..…. 100Khrs min.
℃
Altitude …………………………………………………………………… 3000m
Dimensions ……… 6.500x4.000x1.516 Inches (165.00x101.60x38.60mm)
Weight ……………………………………………………... 640g(1.42Pounds)
SAFETY AND EMC:
Emission and Immunity (Ed. 4.0) …………. EN55011 Class B, FCC CFR 47 Part 15
EN60601-1-2, IEC61000-3-2, 3, IEC61000-4-2, 3, 4, 5, 6, 8, 11
Safety (Ed. 3.1) …………………………………. IEC60601-1:2005+A1:2012
EN60601-1:2006+A11:2011+A1+A12, UL ANSI/AAMI ES60601-1:2005
NOTE:
1. Add a 0.1uF ceramic capacitor and a 47uF E.L. capacitor to output for
Ripple &Noise measuring @20MHz BW.
2. Voltage accuracy is set at 60% rated load and 25
.Ta.
℃
3. Line regulation is measured from high line to low line with rated load.
4. Load regulation is measured at 60%±40% rated.
5. CN1: LONG CHU P3060 Series or Equivalent
CN2: JST B2B-PH-K-S or Equivalent
CN5: LONG CHU P220V Series or Equivalent
Mechanical Specification
Millimeters: X.X= ±1.0 , X.XX=±0.25
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
6.500 [165.10]
6.071 [154.20]
0.215 [5.45]
+Vo
-Vo
L
N
VR
LED
FAN
10CFM min
+Vo
-Vo
L
N
VR
LED
FAN
10CFM min
FAN location for CFM351M050 only
CN5
4
3
5
6
2
1
CN2
1
2
CN5
4
3
5
6
2
1
CN2
1
2
CN5:
PIN CONNECTION
Pin
Pin
Function
Function
1
2
3
5
6
+5VSB
GND
+SENSE
GND
-SENSE
4
ENABLE
CN2:
PIN CONNECTION
Pin Function
1
2
FAN output+
FAN output-
NOTE: Pull down Enable to activate the PSU
CN1
CN1
Typical at 25℃, 230Vac and 60% rated load, unless otherwise Specified
350W With 10CFM Air Flow
0
20
40
60
80
100
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature(℃)
350W With Natural Convection
0
20
40
60
80
100
90
110
130
150
170
190
210
230
250
lnput Voltage(Vac)
12V,24V,48V
5V
0
20
40
60
80
100
-20
-10
0
10
20
30
40
50
60
70
Ambi ent Temperature(℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com