Electronic Components Datasheet Search
  English  ▼

X  

K121 Datasheet(PDF) 2 Page - Fox Electronics

Part # K121
Description  1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

K121 Datasheet(HTML) 2 Page - Fox Electronics

  K121 Datasheet HTML 1Page - Fox Electronics K121 Datasheet HTML 2Page - Fox Electronics K121 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.2 x 1.0 x 0.5mm Tuning Fork
– 2 pad
K121
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: K121 STANDARD SPECIFICATIONS
Drawing Number: K121-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 06/03/2020
• TAPE SPECIFICATIONS (millimeters)
A
B
C
D
E
F
Reel QTY
Ø1.5
4.0
4.0
3.5
8.0
0.63
-T5 = 5,000
Available Options & Part Identification for SMD Tuning Fork Crystal K 121
F K121 E I V M 0.032768
F
K121
E
I
H
I
0.032768
FOX
Model
Number
Tolerance
E = ±20ppm
Stability
I = -0.04 PPM / (
ºC)2
Load
Capacitance*
V = 7pF
W = 9pF
H = 12.5pF
Operating
Temperature
M = -40 ~ +85°C
Frequency
(MHz)
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics' sole discretion.
All information in this document, including descriptions of product features and performance, is subject to change without notice . Performance specifications and the
operating parameters of the described products are determined in the independent state and are not guaranteed to perform the same way when installed in customer
products. The information contained herein is provided without representation or warranty of any kind, whether express or imp lied, including, but not limited to, the
suitability of Fox Electronics' products for any particular purpose, an implied warranty of merchantability, or non -infringement of the intellectual property rights of
others. This document is presented only as a guide and does not convey any license under intellectual property rights of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life supp ort systems or similar devices where the
failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users. Anyone using a Fox Elec tronics
product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice. O ther trademarks and
service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective third party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html
Page 2 of 3
• REEL SPECIFICATIONS (millimeters)
G
H
I
J
K
L
M
2.0
Ø13
Ø21
Ø60
Ø180
9.0
1.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com