Electronic Components Datasheet Search
  English  ▼

X  

HBL210 Datasheet(PDF) 4 Page - CINCON ELECTRONICS Corporation

Part # HBL210
Description  HEATSINK KIT for DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

HBL210 Datasheet(HTML) 4 Page - CINCON ELECTRONICS Corporation

  HBL210 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 6Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 7Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 8Page - CINCON ELECTRONICS Corporation HBL210 Datasheet HTML 9Page - CINCON ELECTRONICS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
V11
4
︳
LB 2.05”x1.2” CASE
HEATSINK KIT
Heat Sink: LBT127 (M-C655) Transverse Fins
All Dimensions in mm
36.5±0.2
7.22
50.8
4.90
2-
R4
.6
16-R0.65
16-1.30
15-3.30
2 Side 4-C0.2
3±0.3
0.3
12.7±0.3
2-
2.7
+0
.1
5
-0
.1
0
Rca: 8.99°C/W (typ.), at natural convection
3.29°C/W (typ.), at 100LFM
2.73°C/W (typ.), at 200LFM
2.40°C/W (typ.), at 300LFM
2.10°C/W (typ.), at 400LFM
Thermal Pad: PL01 29.5*49.8*0.25mm
Screw Set: K258W M2.5*8mm+Lock Washer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com