Electronic Components Datasheet Search
  English  ▼

X  

TR30RDM240 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TR30RDM240
Description  30W MEDICAL SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR30RDM240 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TR30RDM240 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR30RDM240 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V11
2
Specifications
TR30RDM Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…......................... 80~264Vac (see derating curve)
Frequency …………………….…………………….……………..... 47 to 63Hz
Input Current ………….................................................... 0.8A max.
Inrush Current ……….… Cold start@25℃ ……...... 85A max. @240Vac
Leakage Current …………………………………………….…… 50uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time …………………………………………..… 10ms typ. @115Vac
Short Circuit Protection ………… Hiccup Mode Continuous(Auto Recovery)
Over Voltage Protection ……………….................................................. Latch
GENERAL SPECIFICATIONS:
Isolation ………………………..…………………… Input to output 4000VAC
Operating Temperature ................................ -25 ~ 70
(see derating curve)
℃
Storage Temperature ……………………………...….......……........ -25~85℃
Humidity …………………...…….......…......... 93% RH max. Non condensing
Cooling ……………………………..……….…………….. Natural Convection
Switching Frequency …………………………………………… 65KHz Typical
MTBF ………MIL-HDBK-217F, GB, 25℃/115VAC …………. 380Khrs min.
Life time ….…………….……………… .26280 hours min.@ 75% load, 40℃
Altitude ……………..……………………………………………………… 5000m
NOTE:
Dimensions ……..….. 3.807x2.283x1.703 inches (96.70x58.00x43.25mm)
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Weight ………………………………………………….…… 200g(0.44 Pounds)
ripple & noise measuring @20MHz BW.
SAFETY AND EMC:
2. Voltage setpoint at 60% full load.
Emission and Immunity(Ed4.0) ………………………EN55011, EN60601-1-2
3. Line regulation is measured from 100Vac to 240Vac full load.
EN61000-3-2, EN61000-3-3, IEC61000-4-2, 3, 4, 5, 6, 8, 11
4. Load regulation is measured from 60% to full load and from 60% to
FCC CFR47 Part 18 Class B
20% load (60% +/- 40% load).
Safety (Ed3.1) ……….…………………… IEC60601-1:2005+A1,EN60601-1-11
5. Efficiency measured at 75% load and input voltage is 230Vac.
EN60601-1:2006+A11:2011+A1+A12,
ANSI/AAMI ES60601-1:2005/A1:2012
Mechanical Specification
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-30 -20 -10
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com