Electronic Components Datasheet Search
  English  ▼

X  

TR36M050 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TR36M050
Description  36W MEDICAL SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR36M050 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TR36M050 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR36M050 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
TR36M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................ 80~264Vac(see Derating Curve)
120~370Vdc
Frequency …………………………………………………………..... 47 to 63Hz
Input Current ………………….……………..................................... 0.9A max.
Inrush Current ………….… Cold start@25℃ ……….. 100A max. @240Vac
Leakage Current …………..………………………………….…… 80uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time …………….……………………………… 10ms typ. @115Vac
Short Circuit Protection ……….. Hiccup Mode Continuous(Auto Recovery)
Over Voltage Protection ……….. IC Component to Clamp(Auto Recovery)
Temperature Coefficient …………………….................................. ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation …………………………………………… Input to output 4,000VAC
Operating Temperature ................................ -30 ~ 60℃(see derating curve)
Storage Temperature ……..……………………...….......……........ -30~85℃
Humidity …………………...…….......…......... 93% RH max. Non condensing
Cooling ……………………………………….…………….. Natural Convection
Switching Frequency …………………………………………… 65KHz Typical
MTBF ..….. MIL-HDBK-217F, GB, 25℃/115VAC …….…..… 1000Khrs max.
Altitude ……………………………………………………………..…… 5000m
Dimensions ……….. 3.937x1.771x0.886 inches (100.00x45.00x22.50mm)
Weight ……………………………………….………….……150g(0.33 Pounds)
NOTE:
SAFETY AND EMC:
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Emission and Immunity (Ed4.0) …………………… EN55011, EN60601-1-2
ripple & noise measuring @20MHz BW.
EN61000-3-2, EN61000-3-3, IEC61000-4-2, 3, 4, 5, 6, 8, 11
2. Voltage setpoint at 60% full load.
FCC CFR47 Part 15 Class B
3. Line regulation is measured from 100Vac to 240Vac full load.
Safety Approved (Ed.3.1) ……….… IEC60601-1:2005+A1, EN60601-1-11
4. Load regulation is measured from 60% to full load and from 60% to
EN60601-1:2006+A11:2011+A1+A12
20% load (60% +/- 40% load).
ANSI/AAMI ES60601-1:2005/A1:2012
5. Efficiency measured at 75% load and input voltage is 230Vac.
Mechanical Specification
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches[mm]
3.937[100.00]
DC Plug :Right Angle(ψ5.5/ψ2.1)L12mm
DC Plug type: V+ ─●)─ V-
20AWG/1800mm
70.866[1800.00]±1.969[50.00]
IEC320/C8
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-30 -20 -10
0
10
20
30
40
50
60
Ambient Temperature(
oC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com