Electronic Components Datasheet Search
  English  ▼

X  

TR160M Datasheet(PDF) 4 Page - CINCON ELECTRONICS Corporation

Part # TR160M
Description  160 WATT MEDICAL SWITCH ADAPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR160M Datasheet(HTML) 4 Page - CINCON ELECTRONICS Corporation

  TR160M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR160M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation TR160M Datasheet HTML 3Page - CINCON ELECTRONICS Corporation TR160M Datasheet HTML 4Page - CINCON ELECTRONICS Corporation TR160M Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.cincon.com
4
REVISION: V11
TR160M Series
CHARACTERISTIC CURVE
Power Derating Curve
Performance Data
0%
20%
40%
60%
80%
100%
120%
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature (℃)
TR160M Derating Curve
20 LFM (Natural Convection)
0%
20%
40%
60%
80%
100%
120%
80
100
120
140
160
180
200
220
240
260
Input Voltage (Vac)
TR160M Input Voltage Derating Curve
20 LFM (Natural Convection)
60%
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
TR160M120 (Eff Vs Io)
115V
230V
60%
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
TR160M240 (Eff Vs Io)
115V
230V
60%
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
TR160M360 (Eff Vs Io)
115V
230V
60%
65%
70%
75%
80%
85%
90%
95%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Current Load (%)
TR160MS480 (Eff Vs Io)
115V
230V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com