Electronic Components Datasheet Search
  English  ▼

X  

PCF8523 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8523
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8523 Datasheet HTML 18Page - NXP Semiconductors PCF8523 Datasheet HTML 19Page - NXP Semiconductors PCF8523 Datasheet HTML 20Page - NXP Semiconductors PCF8523 Datasheet HTML 21Page - NXP Semiconductors PCF8523 Datasheet HTML 22Page - NXP Semiconductors PCF8523 Datasheet HTML 23Page - NXP Semiconductors PCF8523 Datasheet HTML 24Page - NXP Semiconductors PCF8523 Datasheet HTML 25Page - NXP Semiconductors PCF8523 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
22 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
[1]
Definition may be reassigned by the user.
[2]
Default value.
8.3.6 Register Months
[1]
Default value.
Table 25.
Weekday assignments
Day[1]
Bit
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday[2]
110
Table 26.
Months - months register (address 09h) bit description
Bit
Symbol
Value
Place value Description
7 to 5
-
000
-
unused
4
MONTHS
0 to 1
ten’s place
actual month coded in BCD
format, see Table 27
3 to 0
0 to 9
unit place
Table 27.
Month assignments in BCD format
Month
Upper-digit
(ten’s place)
Digit (unit place)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January[1]
00
001
February
0
0
0
1
0
March
0
0
0
1
1
April
00
100
May
00
101
June
00
110
July
00
111
August
01
000
September
0
1
0
0
1
October
10
000
November
10
001
December
10
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com