Electronic Components Datasheet Search
  English  ▼

X  

SN74LS273 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS273
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS273 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS273 Datasheet HTML 1Page - ON Semiconductor SN74LS273 Datasheet HTML 2Page - ON Semiconductor SN74LS273 Datasheet HTML 3Page - ON Semiconductor SN74LS273 Datasheet HTML 4Page - ON Semiconductor SN74LS273 Datasheet HTML 5Page - ON Semiconductor SN74LS273 Datasheet HTML 6Page - ON Semiconductor SN74LS273 Datasheet HTML 7Page - ON Semiconductor SN74LS273 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS273/D
SN74LS273
Octal D Flip-Flop
with Clear
The SN74LS273 is a high-speed 8-Bit Register. The register
consists of eight D-Type Flip-Flops with a Common Clock and an
asynchronous active LOW Master Reset. This device is supplied in a
20-pin package featuring 0.3 inch lead spacing.
• 8-Bit High Speed Register
• Parallel Register
• Common Clock and Master Reset
• Input Clamp Diodes Limit High-Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS273N
16 Pin DIP
1440 Units/Box
SN74LS273DW
16 Pin
SOIC
DW SUFFIX
CASE 751D
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 738
20
1
20
1


Similar Part No. - SN74LS273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS273 TI-SN74LS273 Datasheet
95Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74LS273 TI-SN74LS273 Datasheet
284Kb / 8P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74LS273 TI1-SN74LS273 Datasheet
643Kb / 8P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74LS273 TI1-SN74LS273 Datasheet
641Kb / 8P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74LS273 TI2-SN74LS273 Datasheet
204Kb / 9P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
REVISED MARCH 1988
More results

Similar Description - SN74LS273

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS42 ONSEMI-SN74LS42 Datasheet
107Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com