Electronic Components Datasheet Search
  English  ▼

X  

IN74LS86 Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74LS86
Description  Quad 2-Input Exclusive OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS86 Datasheet(HTML) 3 Page - Integral Corp.

  IN74LS86 Datasheet HTML 1Page - Integral Corp. IN74LS86 Datasheet HTML 2Page - Integral Corp. IN74LS86 Datasheet HTML 3Page - Integral Corp. IN74LS86 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74LS86
AC ELECTRICAL CHARACTERISTICS (TA=25°C, VCC = 5.0 V, CL = 15 pF, RL = 2 kΩ, tr =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay, Input A or B to Output Y
(Other input low)
23
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Other input low)
17
ns
tPLH
Propagation Delay, Input A or B to Output Y
(Other input high)
30
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Other input high)
22
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Test Circuit
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com