Electronic Components Datasheet Search
  English  ▼

X  

TRE25 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TRE25
Description  25W SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRE25 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TRE25 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRE25 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
TRE25
Series Derating Curve
INPUT SPECIFICATIONS:
Voltage
…....………........…........................................... 90~264Vac
120~370Vdc
Frequency
………………………………………….……………..... 47 to 63Hz
Input Current
………………….……………................... 0.7A max.
Inrush Current
………………….……………................... 60A max. @240Vac
Conducted EMI
…………………………….…………... CISPR/FCC Class B
Leakage Current
…………………………………………………. 0.25mA max.
OUTPUT SPECIFICATIONS:
H
oldup Time ……………………………………………… 10ms typ. @115Vac
Short Circuit Protection …………….…………… Continuous(Auto Recovery)
Over Voltage Protection ………………. ............... IC Component to Clamp
Temperature Coefficient ……………………............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
SAFETY AND EMC:
Isolation
………………………………….…..…… Input to output = 3,000VAC
Emission and lmmunity ……….… EN55032 Class B, FCC Part 15 Class B
Operating Temperature .................................. -20~60℃(see derating curve)
EN61000-6-3, EN61000-3-2, EN61000-3-3
Storage Temperature ………………….…………...….......……........ -20~85℃
EN55024, EN61204-3, EN61000-6-1
Humidity …………………...….......…........... 93% RH max. Non condensing
Safety
……………….……………… Class II, IEC/EN/UL62368-1/60950-1
Cooling
………………………………….………………….. Natural Convection
NOTE:
Switching Frequency ………………………….……………….. 65KHz typ.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
MTBF …….… MIL-HDBK-217F, GB, 25℃/115VAC ………... 300Khrs min.
ripple&noise measuring @20MHz BW.
Altitude …………………………………………………………………… 3000m
2. Voltage setpoint at 60% full load.
Life time
…….… Ambient 40degC 75% Load …………………..…… >3years
3. Line regulation measured from 100Vac to 240Vac, full load.
Dimensions
……….……. 2.795x1.906x1.299Inches (71.00x48.4x33.00mm)
4. Load regulation measured from 60% to 100% full load and from 60% to
Weight
…………………..…………………………….…… 140g(0.31 Pounds)
20% load (60% +/- 40% full load).
Mechanical Specification
70.866[1800.00]±1.969[50.00]
All Dimensions are in inches[mm]
2.795[71.00]
0.689[17.50]±0.020[0.50]
0.500[12.70]
0.539[13.70]±0.028[0.70]
1.299[33.00]
1.949[49.50]
70.866[1800.00]±1.969[50.00]
1.299[33.00]
70.866[1800.00]±1.969[50.00]
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
FIG.E
FIG.A
FIG.U
Typical at
25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
Ambient Temperature(
oC)
20LFM(Natural Convection)
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
Ambient Temperature(
oC)
20LFM(Natural Convection)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
Ambient Temperature(
oC)
20LFM(Natural Convection)
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
Ambient Temperature(
oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com