Electronic Components Datasheet Search
  English  ▼

X  

529352 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 529352
Description  Feed separator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

529352 Datasheet(HTML) 1 Page - Festo Corporation.

  529352 Datasheet HTML 1Page - Festo Corporation. 529352 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feed separator
HPV-14-40-A
Part number: 529352
Data sheet
Feature
Value
Stroke
40 mm
Piston diameter
14 mm
Max. interchangeability
0.3 mm
Max. tappet play Sx
0.05 mm
Max. tappet play Sz
0.03 mm
Max. gripper jaw angular backlash
0.07 deg
Max. gripper jaw angular backlash ay
0.12 deg
Max. gripper jaw angular backlash az
0.175 deg
Type code
HPV
External finger mounting
Through-hole
Cushioning
No cushioning
Mounting position
Any
Mode of operation
Double-acting
Design
Piston rod
Anti-twist feature
Stop valve
Twin piston
Position sensing
For proximity sensor
Half pulse
234.2 ms
Symbol
00991914
Protection against torsion/guide
Square guide
Cycle time
468.4 ms
Operating pressure
3 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
5 °C ... 60 °C
Max. force on finger Fz static
100 N
Max. static moment Mr at finger
5 Nm
Max. static moment Mx at finger
5 Nm
Max. static moment at finger
5 Nm
Theoretical force at 6 bar, retracting
75 N
Theoretical force at 6 bar, advancing
90 N
Max. mass per external gripper finger
150 g
Product weight
460 g
Alternative connections
M5
11/18/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 529352

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
52935 TEC-52935 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
Festo Corporation.
529351 FESTO-529351 Datasheet
86Kb / 2P
Feed separator
529353 FESTO-529353 Datasheet
86Kb / 2P
Feed separator
529354 FESTO-529354 Datasheet
86Kb / 2P
Feed separator
More results

Similar Description - 529352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
DATA SEPARATOR
1996 REV 2
logo
Festo Corporation.
HPV-10-10-A FESTO-HPV-10-10-A Datasheet
86Kb / 2P
Feed separator
HPV-14-20-A FESTO-HPV-14-20-A Datasheet
86Kb / 2P
Feed separator
HPV-22-30-A FESTO-HPV-22-30-A Datasheet
86Kb / 2P
Feed separator
HPV-22-60-A FESTO-HPV-22-60-A Datasheet
86Kb / 2P
Feed separator
HPVS-10-10-A FESTO-HPVS-10-10-A Datasheet
89Kb / 2P
Feed separator
HPVS-14-20-A FESTO-HPVS-14-20-A Datasheet
86Kb / 2P
Feed separator
HPVS-14-40-A FESTO-HPVS-14-40-A Datasheet
87Kb / 2P
Feed separator
HPVS-22-30-A FESTO-HPVS-22-30-A Datasheet
86Kb / 2P
Feed separator
HPVS-22-60-A FESTO-HPVS-22-60-A Datasheet
86Kb / 2P
Feed separator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com