Electronic Components Datasheet Search
  English  ▼

X  

MBR360 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MBR360
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR360 Datasheet(HTML) 4 Page - Motorola, Inc

  MBR360 Datasheet HTML 1Page - Motorola, Inc MBR360 Datasheet HTML 2Page - Motorola, Inc MBR360 Datasheet HTML 3Page - Motorola, Inc MBR360 Datasheet HTML 4Page - Motorola, Inc MBR360 Datasheet HTML 5Page - Motorola, Inc MBR360 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBR320 MBR330 MBR340 MBR350 MBR360
4
Rectifier Device Data
TYPICAL VALUES FOR R
θJA IN STILL AIR
Data shown for thermal resistance junction–to–ambient (R
θJA)
for the mountings shown is to be used as typical guideline values
for preliminary engineering, or in case the tie point temperature
cannot be measured.
1
2
3
Mounting
Method
Lead Length, L (in)
1/8
1/4
1/2
3/4
R
θJA
50
51
53
55
°C/W
°C/W
°C/W
58
59
61
63
28
NOTE 1 — MOUNTING DATA
Mounting Method 1
P.C. Board where available
copper surface is small.
L
L
L
Mounting Method 2
Vector Push–In
Terminals T–28
L
Mounting Method 3
P.C. Board with
2–1/2
″ X 2–1/2″
copper surface.
L = 1/2’’
Board Ground Plane



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com