Electronic Components Datasheet Search
  English  ▼

X  

LTC3310S Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3310S
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310S Datasheet(HTML) 2 Page - Analog Devices

  LTC3310S Datasheet HTML 1Page - Analog Devices LTC3310S Datasheet HTML 2Page - Analog Devices LTC3310S Datasheet HTML 3Page - Analog Devices LTC3310S Datasheet HTML 4Page - Analog Devices LTC3310S Datasheet HTML 5Page - Analog Devices LTC3310S Datasheet HTML 6Page - Analog Devices LTC3310S Datasheet HTML 7Page - Analog Devices LTC3310S Datasheet HTML 8Page - Analog Devices LTC3310S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3315A
2
Rev. A
For more information www.analog.com
ORDER INFORMATION
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................... –0.3V to 6V
EN1, EN2.............. –0.3V to Lesser of (VIN + 0.3V) or 6V
FB1, FB2............... –0.3V to Lesser of (VIN + 0.3V) or 6V
MODE/SYNC ........ –0.3V to Lesser of (VIN + 0.3V) or 6V
PGOOD......................................................... –0.3V to 6V
IPGOOD......................................................................5mA
Operating Junction Temperature (Notes 2, 3):
LTC3315AE ........................................ –40°C to 125°C
LTC3315AI ......................................... –40°C to 125°C
LTC3315AJ ........................................ –40°C to 150°C
LTC3315AH........................................ –40°C to 150°C
LTC3315AMP..................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
TOP VIEW
EN1
FB1
FB2
EN2
VIN
GND
GND
VIN
10
9
8
7
1
2
3
4
LQFN PACKAGE
12-LEAD (2mm × 2mm × 0.74mm)
TJMAX = 150°C, θJA = 51°C/W, θJCBOTTOM = 8.6°C/W,
θJCTOP = 80°C/W, θJB = 12°C/W, ΨJT = 0.8°C/W,
θ AND Ψ VALUES DETERMINED PER JESD51-7 ON A JEDEC 2S2P PC
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
13
GND
12
11
5
6
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Operating Supply Voltage (VIN)
l
2.25
5.5
V
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 3.3V unless otherwise specified.
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTC3315AEV#TRMPBF
LTC3315AEV#TRPBF
LHFY
e4
LQFN (Laminate
Package with QFN
Footprint)
MSL 3
–40°C to 125°C
LTC3315AIV#TRMPBF
LTC3315AIV#TRPBF
–40°C to 125°C
LTC3315AJV#TRMPBF
LTC3315AJV#TRPBF
–40°C to 150°C
LTC3315AHV#TRMPBF
LTC3315AHV#TRPBF
–40°C to 150°C
LTC3315AMPV#TRMPBF LTC3315AMPV#TRPBF
–55°C to 150°C
AUTOMOTIVE PRODUCTS**
LTC3315AEV#WTRMPBF LTC3315AEV#WTRPBF
LHFY
e4
LQFN (Laminate
Package with QFN
Footprint)
MSL 3
–40°C to 125°C
LTC3315AIV#WTRMPBF
LTC3315AIV#WTRPBF
–40°C to 125°C
LTC3315AJV#WTRMPBF LTC3315AJV#WTRPBF
–40°C to 150°C
LTC3315AHV#WTRMPBF LTC3315AHV#WTRPBF
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Device temperature grade is indicated by a label on the shipping container.
• TRM = 500 pieces.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
• Tape and reel specifications. Some packages are available in 500 unit
reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com