Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3371
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 18Page - Analog Devices LTC3371 Datasheet HTML 19Page - Analog Devices LTC3371 Datasheet HTML 20Page - Analog Devices LTC3371 Datasheet HTML 21Page - Analog Devices LTC3371 Datasheet HTML 22Page - Analog Devices LTC3371 Datasheet HTML 23Page - Analog Devices LTC3371 Datasheet HTML 24Page - Analog Devices LTC3371 Datasheet HTML 25Page - Analog Devices LTC3371 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC3307A
22
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
High Efficiency, 2MHz, 3A, 5V to 2.5V
High Efficiency, 2MHz, 3A, 3.3V to 1.8V
3307A TA06
SW
SW
VIN
VIN
402k
6.8pF
4.7µF
680nH
100k
VOUT
2.5V
3A
VIN = 5V
FB
EN
PGND
511k
4.7µF
VOUT
AGND
PGOOD
LTC3307A
10µF
x2
10nF
VIN
1µF
0201
1µF
0201
MODE/SYNC
RT
fOSC = 2MHz
3307A TA07
EN
SW
SW
VIN
VIN
PGND
511k
261k
15pF
4.7µF
4.7µF
470nH
100k
15µF
x2
VOUT
1.8V
3A
VOUT
VIN = 3.3V
FB
AGND
PGOOD
LTC3307A
10nF
VIN
1µF
0201
1µF
0201
MODE/SYNC
RT
fOSC = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com