Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8614
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 3 Page - Analog Devices

  LT8614 Datasheet HTML 1Page - Analog Devices LT8614 Datasheet HTML 2Page - Analog Devices LT8614 Datasheet HTML 3Page - Analog Devices LT8614 Datasheet HTML 4Page - Analog Devices LT8614 Datasheet HTML 5Page - Analog Devices LT8614 Datasheet HTML 6Page - Analog Devices LT8614 Datasheet HTML 7Page - Analog Devices LT8614 Datasheet HTML 8Page - Analog Devices LT8614 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3315A
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Undervoltage Lockout
VIN Undervoltage Lockout Hysteresis
VIN Rising
l
2.05
2.15
150
2.25
V
mV
VIN Quiescent Current in Shutdown
1.2
2
µA
VIN Quiescent Current with One Buck Enabled
Burst Mode, Buck in Regulation, Sleeping
All Modes, Not Sleeping (Note 4)
45
1.5
70
2.3
µA
mA
VIN Quiescent Current with Both Bucks Enabled
Burst Mode, Bucks in Regulation, Sleeping
All Modes, Not Sleeping (Note 4)
70
2.8
110
4.2
µA
mA
Enable Threshold
Enable Threshold Hysteresis
VEN Rising
l
375
400
50
425
mV
mV
EN Pin Leakage
VEN = 5.5V
±20
nA
Voltage Regulation, Buck 1 and Buck 2
Regulated Feedback Voltage (VFB)
l
495
500
505
mV
Feedback Voltage Line Regulation
2.25V ≤ VIN ≤ 5.5V
0.015
0.05
%/V
Feedback Pin Input Current
VFB = 500mV
±20
nA
PMOS Current Limit (ILIM)
Current out of SW, VOUT/VIN ≤ 0.2
2.9
3.2
3.5
A
NMOS Current Limit (IVALLEY)
Current out of SW
2.4
2.7
3.0
A
NMOS Reverse Current Limit
Current into SW, Forced Continuous
0.5
1
1.5
A
PMOS ON-Resistance
75
mΩ
NMOS ON-Resistance
19
mΩ
SW Leakage Current
Shutdown, VIN = 5.5V
±200
nA
Minimum On Time
VIN = 5.5V
l
25
45
ns
Maximum Duty Cycle
l
100
%
Overtemperature Shutdown (OT)
Overtemperature Shutdown Hysteresis
Temperature Rising (Note 5)
165
5
°C
°C
Power Good/Soft-Start
PGOOD Rising Threshold
PGOOD Hysteresis
As a Percentage of the Regulated VOUT
l
l
97
0.6
98
1.1
99
1.6
%
%
Overvoltage Rising Threshold
Overvoltage Hysteresis
As a Percentage of the Regulated VOUT
l
l
107
1
110
2.2
114
3.5
%
%
PGOOD Delay
120
µs
PGOOD Leakage Current
VPGOOD = 5.5V
20
nA
PGOOD Pull-Down Resistance
VPGOOD = 0.1V
10
20
Ω
Soft-Start Time
(Note 6)
l
0.25
1
3
ms
Oscillator and MODE/SYNC
Internal Oscillator Frequency (fSW)
l
1.85
2
2.15
MHz
Synchronization Frequency Range
l
1
3
MHz
Minimum SYNC High or Low Pulse Width
l
40
ns
SYNC Level High on MODE/SYNC
SYNC Level Low on MODE/SYNC
l
l
1.2
0.4
V
V
MODE/SYNC No Clock Detect Time
10
µs
MODE/SYNC Pin Threshold
For Programming Pulse Skipping Mode
For Programming Burst Mode
l
l
VIN – 0.1
0.1
V
V
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 3.3V unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3315A is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3315AE is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com