Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC3882
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 65Page - Analog Devices LTC3882 Datasheet HTML 66Page - Analog Devices LTC3882 Datasheet HTML 67Page - Analog Devices LTC3882 Datasheet HTML 68Page - Analog Devices LTC3882 Datasheet HTML 69Page - Analog Devices LTC3882 Datasheet HTML 70Page - Analog Devices LTC3882 Datasheet HTML 71Page - Analog Devices LTC3882 Datasheet HTML 72Page - Analog Devices LTC3882 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
LTC3883/LTC3883-1
69
Rev. F
For more information www.analog.com
OPERATION
The OPERATION command is used to turn the unit on and off in conjunction with the input from the RUN pin. It is also
used to cause the unit to set the output voltage to the upper or lower MARGIN VOLTAGEs. The unit stays in the com-
manded operating mode until a subsequent OPERATION command or change in the state of the RUN pin instructs the
device to change to another mode. If the part is stored in the MARGIN_LOW/HIGH state, the next RESET or POWER_ON
cycle will ramp to that state. If the OPERATION command is modified, for example ON is changed to MARGIN_LOW,
the output will move at a fixed slope set by the VOUT_TRANSITION_RATE.
Margin High (Ignore Faults) and Margin Low (Ignore Faults) operations are not supported by the LTC3883.
The part defaults to the ON state.
This command has one data byte.
Table 4. OPERATION Command Detail Command
OPERATION Data Contents When On_Off_Config_Use_PMBus Enables
Operation_Control
SYMBOL
ACTION
VALUE
BITS
FUNCTION
Turn off immediately
0x00
Turn on
0x80
Margin Low
0x98
Margin High
0xA8
Sequence off
0x40
OPERATION Data Contents When On_Off_Config is Configured Such That
OPERATION Command is Not Used to Command Channel On or Off
SYMBOL
ACTION
VALUE
BITS
FUNCTION
Output at Nominal
0x80
Margin Low
0x98
Margin High
0xA8
Note: Attempts to write a reserved value will cause a CML fault.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com