Electronic Components Datasheet Search
  English  ▼

X  

5437787 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5437787
Description  Printed-circuit board connector - BCVP-381R- 5 GY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5437787 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5437787 Datasheet HTML 1Page - PHOENIX CONTACT 5437787 Datasheet HTML 2Page - PHOENIX CONTACT 5437787 Datasheet HTML 3Page - PHOENIX CONTACT 5437787 Datasheet HTML 4Page - PHOENIX CONTACT 5437787 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/5437787
12/17/2015   Page 1 / 5
Printed-circuit board connector - BCVP-381R- 5 GY - 5437787
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm,
Connection method: Screw connection, Color: signal grey, Contact surface: Tin
The figure shows a 5-pos. version of
the product
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
4.4 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Height
12.5 mm
Pitch
3.81 mm
Dimension a
15.24 mm
General
Range of articles
BCVP-R
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 5437787

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437703 PHOENIX-5437703 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-350R-16 GY
5437758 PHOENIX-5437758 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 2 GY
5437761 PHOENIX-5437761 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 3 GY
5437774 PHOENIX-5437774 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 4 GY
5437790 PHOENIX-5437790 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 6 GY
More results

Similar Description - 5437787

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437826 PHOENIX-5437826 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R- 9 GY
5437758 PHOENIX-5437758 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 2 GY
5437774 PHOENIX-5437774 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 4 GY
5437790 PHOENIX-5437790 Datasheet
78Kb / 5P
Printed-circuit board connector - BCVP-381R- 6 GY
5437800 PHOENIX-5437800 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R- 7 GY
5437839 PHOENIX-5437839 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R-10 GY
5437842 PHOENIX-5437842 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R-11 GY
5437855 PHOENIX-5437855 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R-12 GY
5437871 PHOENIX-5437871 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R-14 GY
5437897 PHOENIX-5437897 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381R-16 GY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com