Electronic Components Datasheet Search
  English  ▼

X  

5437981 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5437981
Description  Printed-circuit board connector - BCVP-500R- 6 GY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5437981 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5437981 Datasheet HTML 1Page - PHOENIX CONTACT 5437981 Datasheet HTML 2Page - PHOENIX CONTACT 5437981 Datasheet HTML 3Page - PHOENIX CONTACT 5437981 Datasheet HTML 4Page - PHOENIX CONTACT 5437981 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/5437981
12/17/2015   Page 1 / 5
Printed-circuit board connector - BCVP-500R- 6 GY - 5437981
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 6, Pitch: 5 mm,
Connection method: Screw connection, Color: signal grey, Contact surface: Tin
The figure shows a 5-pos. version of
the product
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
12.4 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.00 mm
Dimension a
25 mm
General
Range of articles
BCVP-R
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Nominal current IN
12 A
Nominal cross section
2.5 mm²


Similar Part No. - 5437981

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437949 PHOENIX-5437949 Datasheet
77Kb / 5P
Printed-circuit board connector - BCVP-500R- 2 GY
5437952 PHOENIX-5437952 Datasheet
76Kb / 5P
Printed-circuit board connector - BCVP-500R- 3 GY
5437965 PHOENIX-5437965 Datasheet
77Kb / 5P
Printed-circuit board connector - BCVP-500R- 4 GY
5437978 PHOENIX-5437978 Datasheet
77Kb / 5P
Printed-circuit board connector - BCVP-500R- 5 GY
5437994 PHOENIX-5437994 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-500R- 7 GY
More results

Similar Description - 5437981

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437978 PHOENIX-5437978 Datasheet
77Kb / 5P
Printed-circuit board connector - BCVP-500R- 5 GY
5438168 PHOENIX-5438168 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-500R-24 GY
5438113 PHOENIX-5438113 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-500R-19 GY
5438126 PHOENIX-5438126 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500R-20 GY
5438139 PHOENIX-5438139 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-500R-21 GY
5438087 PHOENIX-5438087 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500R-16 GY
5438061 PHOENIX-5438061 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-500R-14 GY
5438074 PHOENIX-5438074 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-500R-15 GY
5438016 PHOENIX-5438016 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500R- 9 GY
5438029 PHOENIX-5438029 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500R-10 GY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com