Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS709
Description  TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS709 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS709 Datasheet HTML 12Page - Texas Instruments TPS709 Datasheet HTML 13Page - Texas Instruments TPS709 Datasheet HTML 14Page - Texas Instruments TPS709 Datasheet HTML 15Page - Texas Instruments TPS709 Datasheet HTML 16Page - Texas Instruments TPS709 Datasheet HTML 17Page - Texas Instruments TPS709 Datasheet HTML 18Page - Texas Instruments TPS709 Datasheet HTML 19Page - Texas Instruments TPS709 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G027
Channel 2
(1 V / div)
Channel 1
(500 mV / div)
Time (50 s / div)
m
G032
Channel 1 = EN
2 = V
V
= 4.3 V
C
= 2.2 F
TPS70933
Channel
OUT
IN
OUT
m
TPS709
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
www.ti.com
8.2.2 Detailed Design Procedure
Select a 2.2-µF, 10-V X7R output capacitor to satisfy the minimum output capacitance requirement with a 3.3-V
dc bias.
Select a 1.0-µF, 25-V X7R input capacitor to provide input noise filtering and eliminate high-frequency voltage
transients.
8.2.3 Application Curves
Figure 37. TPS70933 Load Transient (50 mA to 150 mA)
Figure 38. Power-Up with Enable
9 Power Supply Recommendations
This device is designed to operate with an input supply range of 2.7 V to 30 V. If the input supply is noisy,
additional input capacitors with low ESR can help improve output noise performance.
9.1 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations in
the printed circuit board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to ambient air. Performance data for JEDEC low and high-K boards are given in the
Thermal Information table. Using heavier copper increases the effectiveness in removing heat from the device.
The addition of plated through-holes to heat-dissipating layers also improves the heatsink effectiveness.
Power dissipation depends on input voltage and load conditions. Power dissipation (PDISS) is equal to the product
of the output current and the voltage drop across the output pass element, as shown in Equation 1:
PDISS = (VIN – VOUT) × IOUT
(1)
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com