Electronic Components Datasheet Search
  English  ▼

X  

O5PS Datasheet(PDF) 1 Page - Fox Electronics

Part # O5PS
Description  5x3.2mm LVPECL SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O5PS Datasheet(HTML) 1 Page - Fox Electronics

  O5PS Datasheet HTML 1Page - Fox Electronics O5PS Datasheet HTML 2Page - Fox Electronics O5PS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5x3.2mm LVPECL SMD Oscillator
O5PS
(former F530P/F540P)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O5PS SERIES STANDARD SPECIFICATIONS
Drawing Number: O5PS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 08/29/2019
Page 1 of 3
•
LV-PECL
•
Temperature Ranges to -40ºC to +85ºC
•
Supply Voltages: 3.3V; 2.5V
ENABLE / DISABLE FUNCTION
Pin 1
Out 1 (Pin 4), Out 2 (Pin 5)
OPEN1
Active
‘1’ Level VIH ≥ 70% VDD
Active
‘0’ Level VIL  30%VDD
High Z
Frequency
Stability
Operating
Temperature (ºC)
±100PPM2
-20 ~ +70
±100PPM2
-40 ~ +85
±50PPM2
-20 ~ +70
±50PPM2
-40 ~ +85
±25PPM2
-20 ~ +70
±25PPM3
-40 ~ +85
1 An internal pull-up resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Supply Voltage
(VDD)
3.3V±5%
2.5V±5%
Frequency Range (FO)
13.5 ~ 325MHz
13.5 ~ 250MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Input Current
(IDD)
88mA
Standby Current
30µA
Output Symmetry (50% Vp-p level)
13.5 ~ 156.25MHz
>156.25MHz
45% ~ 55%
40% ~ 60%
Rise Time (20% ~80% Vp-p Levels) (TR)
1nS
Fall Time (80% ~ 20% Vp-p Levels) (TF)
1nS
Output Voltage
(VOL)
(VOH)
1.68V
2.275V Min
1.095V
1.475V Min
Output Load
50 Ohms to Vdd-2.0V
Start-up Time
(TS)
10mS
Disable Time
200nS
Enable Time
10mS
Phase Jitter, RMS
(12kHz to 20MHz BW)
1pS


Similar Part No. - O5PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
Ultra-Low Jitter 5x3.2mm SMD Oscillator
More results

Similar Description - O5PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
logo
EUROQUARTZ limited
EQXP-PC52 EUROQUARTZ-EQXP-PC52 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 2.5V OSCILLATOR
EQXP-PC53 EUROQUARTZ-EQXP-PC53 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
O5SL FOX-O5SL Datasheet
251Kb / 3P
HCSL 5x3.2mm SMD Oscillator
S5SH FOX-S5SH Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com