Electronic Components Datasheet Search
  English  ▼

X  

O5SL Datasheet(PDF) 1 Page - Fox Electronics

Part # O5SL
Description  HCSL 5x3.2mm SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O5SL Datasheet(HTML) 1 Page - Fox Electronics

  O5SL Datasheet HTML 1Page - Fox Electronics O5SL Datasheet HTML 2Page - Fox Electronics O5SL Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HCSL 5x3.2mm SMD Oscillator
O5SL
(former F530SL Series)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O5SL SERIES STANDARD SPECIFICATIONS
Drawing Number: O5SL-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 6/7/2019
Page 1 of 3
•
HCSL Differential Output
•
Stabilities to ±25 PPM
•
Temperature Ranges as wide as -40ºC to +105ºC
•
Supply Voltage: 3.3V
3.3V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
13.500 ~ 160.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
3.3V±10%
Input Current
(IDD)
40 mA
Standby Current
10 µA
Output Symmetry (50% VOPP)
45% ~ 55%
Rise/Fall Time (20%/80% VPP Levels) (TR/TF)
13.500 ~ 99.999999 MHz
100.000 ~ 160.000 MHz
1.0 nS
0.7 nS
Output Voltage
(VOL)
(VOH)
-0.15V ~ 0.15V
0.55V ~ 0.85V
Output Swing
(VOPP)
0.65V Min
Output Load
50 Ohms to GND
Start-up Time
(TS)
10 mS
Output Disable Time 1
200 nS
Output Enable Time 1
10 mS
Aging (per year @25°C)
±3 PPM
Phase Jitter RMS (12 kHz ~ 20 MHz)
1 pS RMS
• Available Options by Stability & Operating Temperature
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-20 ~ +70
13.500 ~ 160.000
±100PPM2
-40 ~ +85
13.500 ~ 160.000
±100PPM2
-40 ~ +105
13.500 ~ 160.000
±50PPM2
-20 ~ +70
13.500 ~ 160.000
±50PPM2
-40 ~ +85
13.500 ~ 160.000
±50PPM2
-40 ~ +105
13.500 ~ 160.000
±25PPM2
-20 ~ +70
13.500 ~ 160.000
±25PPM3
-40 ~ +85
13.500 ~ 160.000
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
3 Inclusive of 25C tolerance and operating temperature range
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
ENABLE / DISABLE FUNCTION 1
Pin1
Out 1 (pin 4), Out 2 (pin 5)
OPEN 1
Active
‘1’ Level VIH  70%VDD
Active
‘0’ Level VIL  30%VDD
High Z


Similar Description - O5SL

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
O5PS FOX-O5PS Datasheet
249Kb / 3P
5x3.2mm LVPECL SMD Oscillator
S5BC FOX-S5BC Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
S5BH FOX-S5BH Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
S5SH FOX-S5SH Datasheet
235Kb / 3P
5x3.2mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com