Electronic Components Datasheet Search
  English  ▼

X  

O7HA Datasheet(PDF) 3 Page - Fox Electronics

Part # O7HA
Description  HCMOS 7x5mm SMD Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7HA Datasheet(HTML) 3 Page - Fox Electronics

  O7HA Datasheet HTML 1Page - Fox Electronics O7HA Datasheet HTML 2Page - Fox Electronics O7HA Datasheet HTML 3Page - Fox Electronics O7HA Datasheet HTML 4Page - Fox Electronics O7HA Datasheet HTML 5Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HCMOS 7x5mm SMD Oscillator
O7HA
(former FA4100, FA4400, FA4500 Series)
DATASHEET
7/29/2020 Updated termination finish and MSL info.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O7HA SERIES STANDARD SPECIFICATIONS
Drawing Number: O7HA-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
BEC
Approved: MAJ
Revision Date: 07/29/2020
Page 3 of 5
3.3V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
2.000 ~ 135.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +150°C
Supply Voltage
(VDD)
3.3V±10%
Input Current
(IDD)
2.000 ~ 19.999999 MHz
20.000 ~ 31.999999 MHz
32.000 ~ 49.999999 MHz
50.000 ~ 79.999999 MHz
80.000 ~ 99.999999 MHz
100.000 ~ 135.00 MHz
7 mA
12 mA
20 mA
25 mA
30 mA
40 mA
Standby Current
Ta = -40 ~ +85°C
Ta = -40 ~ +105ºC/125°C
10 µA
20 µA
Output Symmetry (50% VDD)
40% ~ 60%
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
2.000 ~ 49.999999 MHz
50.000 ~ 79.999999 MHz
80.000 ~ 99.999999 MHz
100.000 ~ 135.000 MHz
10 nS
8 nS
5 nS
4 nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
10 mS
Output Disable Time 1
150 nS
Output Enable Time 1
10 mS
Aging (per year @25°C)
±5 PPM
• Available Options by Stability & Operating Temp for 3.3V
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-40 ~ +85
2.000 ~ 135.000
±100PPM2
-40 ~ +105
2.000 ~ 135.000
±100PPM2
-40 ~ +125
2.000 ~ 135.000
±50PPM2
-40 ~ +85
2.000 ~ 135.000
±50PPM2
-40 ~ +105
2.000 ~ 135.000
±50PPM3
-40 ~ +125
2.000 ~ 135.000
±25PPM3
-40 ~ +85
2.000 ~ 135.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
3 Inclusive of 25
C tolerance and operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com