Electronic Components Datasheet Search
  English  ▼

X  

O7LD Datasheet(PDF) 2 Page - Fox Electronics

Part # O7LD
Description  7.0x5.0mm LVDS Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7LD Datasheet(HTML) 2 Page - Fox Electronics

  O7LD Datasheet HTML 1Page - Fox Electronics O7LD Datasheet HTML 2Page - Fox Electronics O7LD Datasheet HTML 3Page - Fox Electronics O7LD Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7.0x5.0mm LVDS Oscillator
O7LD
(former F4700A, F4710A Series)
DATASHEET
© Copyright 2020 Fox Electronics, All rights reserved
Title / Description: O7LD SERIES STANDARD SPECIFICATIONS
Drawing Number: O7LD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 05/05/2020
Page 2 of 4
Specifications
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
25.0 ~ 400.0 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
3.3V±10%
Input Current
(IDD)
63 mA
Standby Current
30 µA
Output Symmetry
(50% VP-P)
45% ~ 55%
Rise Time (20%~80% VP-P)
0.5 nS
Fall Time (80%~20% VP-P)
0.5 nS
Differential Output Voltage (VOD)
0.247V ~ 0.454V
Differential Offset Voltage (VOS)
1.125V ~ 1.375V
Output Termination
100 Ohms Typical
Start-up Time
(TS)
10 mS
Output Disable Time 1
200 nS
Output Enable Time 1
10 mS
Aging (per year @ 25C)
±3 PPM
Phase Jitter (12kHz~20MHz)
1 pS
ENABLE / DISABLE FUNCTION
Pin2
Out 1 (pin 4), Out 2 (pin 5)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z
• Available Options by Stability & Operating Temp
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-10 ~ +70
25.0 ~ 400.0
±100PPM2
-20 ~ +70
25.0 ~ 400.0
±100PPM2
-40 ~ +85
25.0 ~ 400.0
±50PPM2
-10 ~ +70
25.0 ~ 400.0
±50PPM2
-20 ~ +70
25.0 ~ 400.0
±50PPM2
-40 ~ +85
25.0 ~ 400.0
±25PPM2
-10 ~ +70
25.0 ~ 400.0
±25PPM2
-20 ~ +70
25.0 ~ 400.0
±25PPM3
-40 ~ +85
25.0 ~ 400.0
±20PPM2
-10 ~ +70
25.0 ~ 400.0
±20PPM3
-20 ~ +70
25.0 ~ 400.0
1 An internal pull-up resistor from pin 1 to pin 6 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com