Electronic Components Datasheet Search
  English  ▼

X  

O8HS Datasheet(PDF) 2 Page - Fox Electronics

Part # O8HS
Description  HCMOS 1.6x1.2mm SMD Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O8HS Datasheet(HTML) 2 Page - Fox Electronics

  O8HS Datasheet HTML 1Page - Fox Electronics O8HS Datasheet HTML 2Page - Fox Electronics O8HS Datasheet HTML 3Page - Fox Electronics O8HS Datasheet HTML 4Page - Fox Electronics O8HS Datasheet HTML 5Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HCMOS 1.6x1.2mm SMD Oscillator
O8HS
(former F610, F630, F640 Series)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O8HS SERIES STANDARD SPECIFICATIONS
Drawing Number: O8HS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 01/20/2020
Page 2 of 5
2.5V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1.000 ~ 80.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±10%
Input Current
(IDD)
1.000 ~ 20.000 MHz
20.000001 ~ 30.000 MHz
30.000001 ~ 40.000 MHz
40.000001 ~ 50.000 MHz
50.000001 ~ 60.000 MHz
60.000001 ~ 70.000 MHz
70.000001 ~ 80.000 MHz
3 mA
4 mA
5 mA
6 mA
7 mA
8 mA
9 mA
Standby Current
10 µA
Output Symmetry (50% VDD)
45% ~ 55%
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
4.5 nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
2 mS
Output Disable Time 1
200 nS
Output Enable Time 1
2mS
Maximum Solder Temp/Time
260°C / 10 Seconds x2
Moisture Sensitivity Layer
1
Termination Finish
Au over Ni
Lead-Free
Yes
RoHS/REACH Compliant
Yes
• Available Options by Stability & Operating Temp for 2.5V2
Frequency
Stability2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM
-20 ~ +70
1.0 ~ 80
±100PPM
-40 ~ +85
1.0 ~ 80
±50PPM
-20 ~ +70
1.0 ~ 80
±50PPM
-40 ~ +85
1.0 ~ 80
±30PPM
-20 ~ +70
1.0 ~ 80
±30PPM
-40 ~ +85
1.0 ~ 80
±25PPM
-20 ~ +70
1.0 ~ 80
±20PPM*
-20 ~ +70
1.0 ~ 80
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, and one-year aging. *Excludes
Shock/Vibration.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com