Electronic Components Datasheet Search
  English  ▼

X  

CFM06S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM06S
Description  6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM06S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM06S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM06S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
Specifications
CFM06S Series De-rating Curve
INPUT SPECIFICATIONS:
Derating curve
0
25
50
75
100
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Ambient Temperature(
oC)
Voltage …...…….…........………………………….........……… 90~264Vac
120~370Vdc
Frequency ……………………………………….……………..... 47 to 63Hz
Inrush Current ……..………..…. 90A max. @240Vac, Cold Start @25℃
Leakage Current
………………………………….. 0.25mA max. @ 264Vac
Input Current
………………………………………………………. 0.25A max.
OUTPUT SPECIFICATIONS:
Holdup Time …………………………………………… 12ms typ. @115Vac
Short Circuit Protection ………………………Hiccup Mode (Auto Recovery)
Temperature Coefficient .………………….................................… ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation Voltage(Input to Output)
…………...……..……………. 3000VAC:
SAFETY AND EMISSION:
Operating Temperature.............. -40℃~80℃ (Derating from 60℃ to 80℃)
Emission and Immunity
…….…. EN55032 Class B, EN55024, EN61204-3
Storage Temperature …………..……………………....……. -40℃~85℃
EN61000-3-2, -3, EN61000-6-1, 2, 3, 4
Cooling …………………………………….……….…….. Natural Convection
47 CFR FCC Part 15 Subpart B (Class B)
Humidity .................................................... 93% RH max. Non Condensing
Safety
…………………………….……… IEC/EN/UL 62368-1, IEC60950-1
Switching Frequency
………………………….………….. 30~70KHz Typical
NOTE:
MTBF
……….…. MIL-HDBK-217F, GB, 25℃/115VAC ….… 1120Khrs max.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Life Time
…….………….……………… .56000 hours min.@ 75% load, 40℃
ripple&noise measuring @20MHz BW.
Altitude ….…………………..……………………………………………. 5000m
2. Voltage accuracy is set of 100% rated load.
Dimensions …………... 1.555x0.764x0.720 Inches (39.50x19.40x18.30mm)
3. Line regulation is measured from high line to low line with full load.
-E: 1.618x0.827x0.787 Inches (41.10x21.00x20.00mm)
4. Load regulation is measured from 10% to 100% full load.
-T: 1.950.x0.728x0.689 Inches (49.53x18.50x17.5mm)
5. Typical efficiency at 230Vac and full load at 25℃
Weight
………………………………………………. 11g, (-E): 30g, (-T): 12g
6. T Version wafer with JST B3B-PH/B2B-PH and mate with JST housing
PH series or equivalent.
Mechanical Specification
1
2
3
4
All Dimensions In Inches[mm]
Tolerance Inches:x.xxx= ± 0.02
Millimeters: x.xx = ± 0.5
3
4
2
1
BOTTOM VIEW
Φ0.020 [0.50]
1.300 [33.02]
1.555 [39.50]
0.128 [3.24]
Φ0.020 [0.50]
1.618 [41.10]
0.159 [4.04]
1.300 [33.02]
PIN CONNECTION
Pin
Function
1
ACN
2
ACL
3
+Vout
4
-Vout
CFM06SXXX
CFM06SXXX-E
CFM06SXXX-T
1.950 [49.53]
0.118 [3.00]
0.118 [3.00]
1.714 [43.53]
1
2
3
4
2-Φ
0.12
6[Φ
3.2
0]
Typical at
25˚C, nominal line and 75% load, unless otherwise Specified
章
節
CFM-37
頁
次
1-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com