Electronic Components Datasheet Search
  English  ▼

X  

CFM1002S Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM1002S
Description  10/15 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM1002S Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM1002S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM1002S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳CFM10/15SERIES
10/15 WATT OPEN FRAME
AC-DC
MODULES
Features
* Universal Input Range 85~264VAC
* Efficiency to 83%
* Meets EN55032 Class B
* Approved IEC/EN/UL62368-1
* Continuous Short Circuit Protection
* Leakage Current 0.25mA Max.
* PCB Mountabl
e
CFM10 Series
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOTE 1
VOLTAGE
ACCURACY
LINE
REGULATION
NOET 2
LOAD
REGULATION
NOTE3
% EFF.
(Typ.)
NOTE 4
CFM1001S
5V
2000mA
1%
±1%
±0.5%
±1%
73%
CFM1002S
12V
840mA
1%
±1%
±0.5%
±1%
76%
CFM1003S
15V
670mA
1%
±1%
±0.5%
±1%
76%
CFM1005S
24V
420mA
1%
±1%
±0.5%
±1%
77%
CFM1007S
3.3V
2500mA
50mV
±1%
±0.5%
±1%
67%
CFM1009S
9V
1120mA
1%
±1%
±0.5%
±1%
72%
CFM15 SERIES
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOET 1
VOLTAGE
ACCURACY
LINE
REGULATION
NOTE 2
LOAD
REGULATION
NOTE3
%EFF.
(Typ.)
NOTE 4
CFM1501S
5V
3000mA
1%
±1%
±0.5%
±1%
74%
CFM1502S
12V
1250mA
1%
±1%
±0.5%
±1%
80%
CFM1503S
15V
1000mA
1%
±1%
±0.5%
±1%
81%
CFM1505S
24V
630mA
1%
±1%
±0.5%
±1%
83%
CFM1507S
3.3V
3000mA
50mV
±1%
±0.5%
±1%
69%
CFM1509S
9V
1670mA
1%
±1%
±0.5%
±1%
76%
Specifications are subject to change without notice


Similar Part No. - CFM1002S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFM1002S ETC2-CFM1002S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM1002S

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC10 INTRONICS-AC10 Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
List of Unclassifed Man...
CFM1001S ETC2-CFM1001S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
5 WATT OPEN FRAME AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com