Electronic Components Datasheet Search
  English  ▼

X  

CFM40D Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM40D
Description  40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40D Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM40D Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40D Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40D Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V14
1
︳CFM40D/TSERIES
40W DUAL/TRIPLE OUTPUT
AC-DC
OPEN FRAME
Features
* Universal Input Range 90~264Vac
* 2” x 4” Size
* Industry-Standard Pin Out
* Efficiency to 81%
* Short Circuit Protection
* Meets EN61204-3 Class B and CISPR/FCC Class B
* Approved IEC/EN/UL62368-1
OUTPUT CURRENT(A)
MODEL
OUTPUT
VOLTAGE
Min.
Rated
Max.
RIPPLE
(mVp-p)
VOLTAGE
ACCURACY
LINE
Reg.
LOAD
Reg.
O/P Power
Max.
(%) EFF.
(Typ.)
CFM40D-01
5V(V1)
12V(V2)
0.4
0.2
3.2
2.0
5.0
2.5
50
120
±3%
±4%
±1%
±2%
±3%
±5%
40.0W
80%
CFM40D-02
5V(V1)
24V(V2)
0.4
0.2
3.2
1.0
5.0
1.5
50
240
±3%
±4%
±1%
±2%
±3%
±5%
40.0W
81%
CFM40T-01
5V(V1)
12V(V2)
-5V(V3)
0.4
0.2
0
3.0
2.0
0.3
5.0
2.5
0.5
50
120
50
±3%
±4%
±3%
±1%
±2%
±1%
±3%
±5%
±1%
40.5W
78%
CFM40T-02
5V(V1)
12V(V2)
-12V(V3)
0.4
0.2
0
3.0
2.0
0.3
5.0
2.5
0.5
50
120
120
±3%
±4%
±3%
±1%
±2%
±1%
±3%
±5%
±1%
42.6W
78%
CFM40T-03
5V(V1)
15V(V2)
-15V(V3)
0.4
0.2
0
3.0
1.5
0.3
5.0
2.3
0.5
50
150
150
±3%
±4%
±3%
±1%
±2%
±1%
±3%
±5%
±1%
42.0W
78%
CFM40T-04
5V(V1)
24V(V2)
-12V(V3)
0.4
0.2
0
3.0
1.0
0.3
5.0
1.5
0.5
50
240
120
±3%
±4%
±3%
±1%
±2%
±1%
±3%
±5%
±1%
42.6W
78%
CFM40T-05
5V(V1)
24V(V2)
-5V(V3)
0.4
0.2
0
3.0
1.0
0.3
5.0
1.5
0.5
50
240
50
±3%
±4%
±3%
±1%
±2%
±1%
±3%
±5%
±1%
40.5W
78%
CFM40T-06
5V(V1)
24V(V2)
12V(V3)
0.4
0.2
0
3.0
1.0
0.3
5.0
1.5
0.5
50
240
120
±3%
±4%
±3%
±1%
±2%
±1%
±3%
±5%
±1%
42.6W
78%
CFM40T-07
3.3V(V1)
5V(V2)
-12V(V3)
0.4
0.2
0
5.0
2.0
0.3
7.0
3.5
0.5
100
100
120
±3%
±4%
±3%
±1%
±3%
±1%
±3%
±5%
±1%
30.0W
71%


Similar Part No. - CFM40D

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C033-DR CINCON-CFM40C033-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C050-DR CINCON-CFM40C050-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C090-DR CINCON-CFM40C090-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
More results

Similar Description - CFM40D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPL100PD24 XPPOWER-CPL100PD24 Datasheet
189Kb / 4P
AC-DC Open Frame
logo
MicroPower Direct, LLC
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
logo
BOSER Technology Co., L...
MPE-F40 BOSER-MPE-F40 Datasheet
140Kb / 1P
40W 85~264VAC AC-DC Open Frame Power Supply
MPE-FT40-02 BOSER-MPE-FT40-02 Datasheet
62Kb / 1P
40W Triple Outputs AC-DC Open Frame Power Supply
logo
CINCON ELECTRONICS Corp...
CFM40M CINCON-CFM40M Datasheet
542Kb / 3P
40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com