Electronic Components Datasheet Search
  English  ▼

X  

CFM41S050 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM41S050
Description  40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM41S050 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM41S050 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM41S050 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM41S050 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V12
1
︳
CFM41S SERIES
40 WATT SINGLE OUTPUT
AC-DC OPEN FRAME
Features
* Universal Input 90~264VAC
* EN55032 Class B and CISPR/FCC Class B
* IEC/EN/UL62368-1
* Meets IEC/EN60335-1
* Continuous Short Circuit Protection
* Over Voltage Protection
* No Load Power Consumption < 0.15W
* Peak Load (2 times of rated current)
* Class II
Ordering information
CFM41SXXX-
X
Blank: PCB mount
E: Encapsulated
T: WAFER
MODEL
Output
Voltage
Output
Current
PEAK
Current
NOTE6
Ripple
(mV p-p)
NOTE1
Voltage
Accuracy
NOTE2
Line
Regulation
NOTE3
Load
Regulation
NOTE4
% EFF.
(typ.)
NOTE5
CFM41S050
5 V
6 A
12 A
100mV
±2%
±0.5%
±1%
87%
CFM41S120
12 V
3.34 A
6.66 A
120mV
±1%
±0.5%
±1%
90%
CFM41S150
15 V
2.67 A
5.34 A
150mV
±1%
±0.5%
±1%
90%
CFM41S240
24 V
1.67 A
3.34 A
240mV
±1%
±0.5%
±1%
90%
CFM41S360
36 V
1.11 A
2.22 A
360mV
±1%
±0.5%
±1%
90%
CFM41S480
48 V
0.83 A
1.66 A
480mV
±1%
±0.5%
±1%
90%
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified


Similar Part No. - CFM41S050

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C033-DR CINCON-CFM40C033-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C050-DR CINCON-CFM40C050-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C090-DR CINCON-CFM40C090-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
More results

Similar Description - CFM41S050

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
Open Frame 150 Watt Single Output AC/DC Switching Power Supply
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Recom International Pow...
RACM40-S RECOM-RACM40-S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
logo
CINCON ELECTRONICS Corp...
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
logo
ETA-USA
DAC40 ETA-USA-DAC40 Datasheet
547Kb / 4P
AC/DC 40 Watt Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com