Electronic Components Datasheet Search
  English  ▼

X  

CFM60T Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM60T
Description  60W TRIPLE OUTPUT AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM60T Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM60T Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM60T Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V15
2
Specifications
CFM60T Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
120~370Vdc
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current …………… Cold Start@25℃ ............... 50A max. @240Vac
Leakage Current ……………………………………………...…… 3.5mA max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………………………………… 8ms typ. @115Vac
Short Circuit ………………………….…….… Hiccup Mode (Auto Recover)
Over Voltage Protection …………………..…...…... 6V/7V on V1(3.3V/5V)
15V/18V/28V on V2(12V/15V/24V)
Temperature Coefficient ……………………............................... ±0.05%/℃
GENERAL SPECIFICATIONS:
NOTE:
Isolation ………………………………….……… Input to output = 4,242VDC
1. Voltage accuracy is set of 60% rated load.
Operating Temperature ........................... 0 ~ 60℃ (see Derating Curve)
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Storage Temperature …………………..………...…....……........ -20 ~ 85℃
Ripple & Noise measuring @20MHz BW.
Humidity .................................................... 93% RH max. Non-Condensing
3. Line regulation is measured from 103Vac~127Vac & 207Vac~253Vac with
Cooling …………………………………………………….. Natural Convection
rated load.
Switching Frequency …………………………….…….……. 65KHz Typical
4. Load regulation is defined by changing ±40% of measured output load
MTBF ………… MIL-HDBK-217F, GB, 25℃/115VAC …… 200Khrs
min.
from 60% rated load at other outputs set to 60% rated load.
Altitude ……………………..……………………………….………….… 2000m
5. Input connector mates with Molex housing 09-50-3031 and Molex
Dimensions …………. 4.000x2.000x1.260Inches (101.60x50.80x32.00mm)
2878 series crimp terminal.
Weight …………………………………….…………….. 170g (0.37 Pounds)
6. Output connector mates with Molex housing 09-50-3061 and Molex
SAFETY AND EMC:
2878 series crimp terminal.
Emission and Immunity …….…... EN55032 Class B, FCC Part 15 Class B
EN61000-3-2, EN61000-3-3, EN55024
Safety ……………….…………… IEC/EN/UL62368-1, IEC/EN/UL60950-1
Mechanical Specification
PE
Tolerance Inches:x.xxx±0.02
Millimeters:x.xx±0.5
All Dimensions in Inches[mm]
3.748[95.20]
4.000[101.60]
0.126[3.20]
4-Φ
0.1
26
[Φ
3.2
0]
PE
PIN CONNECTION
Pin
Function
Line
CN1:
1
Not Fitted
Neutral
2
3
PIN CONNECTION
Pin
Function
V2
CN2:
1
V1
2
3
V1
GND
4
1
3
2
CN1
1
2
3
4
CN2
5
6
5
6
V3
GND
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
Ambient Temperature (
oC)
20LFM (Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com