Electronic Components Datasheet Search
  English  ▼

X  

CFM61S120 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM61S120
Description  60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM61S120 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM61S120 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM61S120 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
Specifications
CFM61S Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage …...…….…........………………………….........……….. 90~264Vac
120~370Vdc
Frequency ……………………………………….………….…....... 47 to 63Hz
Inrush Current ……..………..…. 120A max. @240Vac, Cold Start @25℃
Leakage Current ………………………………….. 0.25mA max. @ 264Vac
Input Current ……………………… 100Vac/1.5A max., 240Vac/0.8A max.
OUTPUT SPECIFICATIONS:
Holdup Time …………………………………….……… 10ms typ. @115Vac
Short Circuit Protection …………………… Hiccup Mode (Auto Recovery)
Temperature Coefficient .…………………................................… ±0.05%/℃
Over Voltage Protection ……………………..… TVS Component to Clamp
Startup time ………………….…………… 115Vac <2s typ. , 230Vac <1s typ.
Switching Frequency ………………………………….……. 65KHz Typical
GENERAL SPECIFICATIONS:
SAFETY AND EMISSION:
Isolation Voltage(Input to Output) …………...……………………. 3000VAC
Emission and Immunity ……...… EN55032 Class B, FCC Part 15 Class B
Operating Temperature.............. -30℃~70℃ (Derating from 50℃ to 70℃)
EN61000-3-2, EN61000-3-3, EN61000-6-3, EN61000-6-4
Storage Temperature …………..……………………....……. -30℃~85℃
Immunity …………… EN55024,EN61204-3, EN61000-6-1, EN61000-6-2
Cooling …………………………………….……….…….. Natural Convection
Safety ……………………………………………. IEC62368-1, UL62368-1
Humidity ………….……………………...……. 93%RH max. Non condensing
NOTE:
Isolation Voltage (Input to Output) ………………...………………. 3000VAC
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
MTBF ……….…. MIL-HDBK-217F, GB, 25℃/115VAC ……… 300Khrs min.
ripple&noise measuring @20MHz BW. (CFM61S050: Add a 0.1uF
Life time….. …………….……………… 26000 hours min.@ 75% load, 40℃
ceramic capacitor and 47uF E.L. capacitor.)
Altitude ………………………………………………………………..… 5000m
2. Voltage accuracy is set of 100% rated load.
Dimensions ……….. 2.000x2.000x1.346 inches (50.80x50.80x34.20 mm)
3. Line regulation is measured from high line to low line with full load.
-E: 2.136x2.136x1.409 inches (54.25x54.25x35.80 mm)
4. Load regulation is measured from 10% to 100% full load.
-T: 2.700x2.000x1.291 inches (68.58x50.80x32.80 mm)
5. Typical efficiency at 230 VAC and full load at 25°C.
Weight ………………………………………………… 93g, 96g(-T), 190g(-E)
6. T Version wafer with TAIWAN KING PIN TERMINAL PVHI series and
mate with JST housing VHR series or equivalent.
7. PL(Peak load function) Lasting time < 10 seconds with a maximum 10%.
duty cycle And must add external 100uF / 400V capacitor to BC+ & BC-
Mechanical Specification
All Dimensions In Inches[mm]
Tolerance
Inches:x.xxx= ± 0.02
Millimeters: x.xx = ± 0.5
2
CFM61SXXX
2.136[54.25]
0.293 [7.44]
0.605 [15.37]
BOTTOM VIEW
1
4
3
6
5
1.800 [45.72]
2.000 [50.80]
0.225 [5.72]
0.605 [15.37]
1
2
3
4
5
6
1.800 [45.72]
1
2.700 [68.58]
2.400 [60.96]
0.150 [3.81]
2
3
4
5
6
7
8
CFM61SXXX-E
CFM61SXXX-T
PIN CONNECTION
1
Pin
2
3
4
5
6
7
8
Function
ACL
ACN
-Vout
-Vout
-Vout
+Vout
+Vout
+Vout
PIN CONNECTION
1
Pin
2
3
4
5
6
Function
ACL
ACN
+Vout
-Vout
BC+
BC-
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com