Electronic Components Datasheet Search
  English  ▼

X  

1833124 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1833124
Description  QC 0,5/12-STF-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1833124 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1833124 Datasheet HTML 1Page - PHOENIX CONTACT 1833124 Datasheet HTML 2Page - PHOENIX CONTACT 1833124 Datasheet HTML 3Page - PHOENIX CONTACT 1833124 Datasheet HTML 4Page - PHOENIX CONTACT 1833124 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 12, 2010
Extract from the online
catalog
 
QC 0,5/12-STF-3,81
Order No.: 1897649
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1897649
 
 
Plug component, Nominal current: 6 A, Nom. voltage: 320 V, Pitch:
3.81 mm, Number of positions: 12, Connection type: Insulation
displacement connection QUICKON, Color: green
 
Commercial data
EAN
4017918165147
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01129 KG
Catalog page information
Page 157 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
3.81 mm
Dimension a
41.91 mm
Number of positions
12


Similar Part No. - 1833124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1833124 PHOENIX-1833124 Datasheet
109Kb / 7P
Base strip - MCVU 1,5/12-GFD-3,81
More results

Similar Description - 1833124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1897429 PHOENIX-1897429 Datasheet
142Kb / 8P
Printed-circuit board connector - QC 0,5/ 5-ST-3,81
1897458 PHOENIX-1897458 Datasheet
135Kb / 5P
QC 0,5/ 8-ST-3,81
1718216 PHOENIX-1718216 Datasheet
76Kb / 4P
Plug - QC 1,5/12-STF
1897652 PHOENIX-1897652 Datasheet
136Kb / 5P
QC 0,5/13-STF-3,81
1897665 PHOENIX-1897665 Datasheet
136Kb / 5P
QC 0,5/14-STF-3,81
1897636 PHOENIX-1897636 Datasheet
136Kb / 5P
QC 0,5/11-STF-3,81
1897610 PHOENIX-1897610 Datasheet
136Kb / 5P
QC 0,5/ 9-STF-3,81
1897597 PHOENIX-1897597 Datasheet
136Kb / 5P
QC 0,5/ 7-STF-3,81
1897542 PHOENIX-1897542 Datasheet
136Kb / 5P
QC 0,5/ 2-STF-3,81
1925346 PHOENIX-1925346 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 3-ST-3,81 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com