Electronic Components Datasheet Search
  English  ▼

X  

CFM80S Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM80S
Description  80W WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM80S Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM80S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM80S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳CFM80SSERIES
80W WATT OPEN FRAME
AC-DC MODULES
Features
* Universal Input Range 90~264VAC
* Continuous Short Circuit Protection
* Efficiency to 90% Typical
* Meets EN55032 Class B and CISPR/FCC Class B
* Meets EN61000-3-2 Class A
* No Load Power Consumption<0.5W
* 2”x 4” Size
Specifications are subject to change without notice.
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE&
NOISE
NOTE 2
VOLTAGEA
ACCURACY
NOTE 1
VOLTAGE
ADJ. RANGE
LINE
REGULATION
NOTE 3
LOAD
REGULATION
NOTE 4
%EFF.
(Typ.)
NOTE 5
CFM80S050
5 V
12 A
1%
±1%
4.75~5.25 V
±0.5%
±1%
86%
CFM80S120
12 V
6.7 A
1%
±1%
11.4~12.6 V
±0.5%
±1%
89%
CFM80S150
15 V
5.36 A
1%
±1%
14.25~15.75 V
±0.5%
±1%
90%
CFM80S240
24 V
3.35 A
1%
±1%
22.8~25.2 V
±0.5%
±1%
90%
CFM80S480
48 V
1.67 A
1%
±1%
45.6~50.4 V
±0.5%
±1%
90%


Similar Part No. - CFM80S

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM81S120 CINCON-CFM81S120 Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM81S120-CA CINCON-CFM81S120-CA Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM81S120-P CINCON-CFM81S120-P Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM81S120-Y CINCON-CFM81S120-Y Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM80S

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC10 INTRONICS-AC10 Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
BOSER Technology Co., L...
MPI-706H BOSER-MPI-706H Datasheet
221Kb / 1P
80W AC-DC Open Frame Power Supply
logo
List of Unclassifed Man...
CFM1001S ETC2-CFM1001S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
5 WATT OPEN FRAME AC-DC MODULES
CFM10 CINCON-CFM10 Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com