Electronic Components Datasheet Search
  English  ▼

X  

CFM81S Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM81S
Description  80 WATT OPEN FRAME AC-DC MODULES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM81S Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM81S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.cincon.com
3
REVISION: V11
CFM81S Series
ISOLATION CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input to Output
1 minute
All
3000
Vac
Isolation Resistance
Input to Output
All
100
MΩ
FEATURE CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Switching Frequency
All
65
KHz
GENERAL SPECIFICATIONS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
MTBF
Io=100%; Ta=25℃ per MIL-HDBK-217F
All
300
K
hours
Humidity
Nom-condensing
All
93
% RH
Shock
Meet MIL-STD-810F Table 516.5,Table
516.5-1 10ms, each axis 3 times(±X、±Y、
±Z axis)
All
75
g
Vibration
Meet MIL-STD-810F Table 514.5C-
VIII,15~2000Hz, X、Y、Z axis, 1 hour
(each axis),. Total 3 hrs.
All
4
g
Weight
CFM81S
135
grams
CFM81S-P
133
CFM81S-CA
174
Dimensions
Open Frame (Wafer)
All
3.000x2.000x1.339 Inches
(76.20x50.80x34.00 mm)
P (
PCB Mount)
All
3.000x2.000x1.413 Inches
(76.20x50.80x35.90mm)
CA (
Cover)
All
3.200x2.441x1.575 Inches
(81.28x62.00x40.00mm)
Safety
Class I, Class II, IEC/EN/UL62368-1
Safety approvals do not apply to the covered version only to the open frame versions
EMC Emission
EN55032 Class B, 47 CFR FCC Part 15 Subpart B, Oct.2014
EN61000-3-2:2014, EN61000-3-3:2013, EN61000-6-3:2012, EN61000-6-4:2011,
EN61204-3:2000
Class B
Conducted Disturbance
EN55032, EN61204-3:2000, EN61000-6-3:2012, EN61000-6-4:2011, Class B,
47 CFR FCC Part 15 Subpart B
Class B
Radiated Disturbance
EN55032, EN61204-3:2000, EN61000-6-3:2012, EN61000-6-4:2011, Class B, 47 CFR
FCC Part 15 Subpart B
Class B
Harmonic Current Emissions
EN61000-3-2:2014
Voltage Fluctuations & Flicker
EN61000-3-3:2013
EMC Immunity
EN55035, EN61204-3:2000, EN61000-6-1:2019, EN61000-6-2:2019
Electrostatic Discharge (ESD)
IEC 61000-4-2:2008, Air Discharge: ±8kV, Contact Discharge: ±4kV
Criterion A
Radio-Frequency,
Continuous
Radiated Disturbance
IEC 61000-4-3:2010
Criterion A
Electrical Fast Transient (EFT)
IEC61000-4-4:2012, ±1kV, ±2kV
Criterion A
Surge
IEC61000-4-5:2014, L-N: ±0.5kV, ±1kV, L-E(Ground): ±0.5kV, ±1kV, ±2kV
Criterion A
Conducted Disturbances, Induced
by RF Fields
IEC 61000-4-6:2013
Criterion A
Power Frequency Magnetic Field
IEC 61000-4-8:2009
Criterion A
Voltage Dips
IEC 61000-4-11:2004, Dip: 30% Reduction, Dip >95% Reduction
Criterion A
Voltage Interruptions
IEC 61000-4-11:2004, >95% Reduction
Criterion B
Application Note Link
CFM81S Series App Notes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com