Electronic Components Datasheet Search
  English  ▼

X  

T5HD Datasheet(PDF) 1 Page - Fox Electronics

Part # T5HD
Description  5.0x3.2mm HCMOS TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

T5HD Datasheet(HTML) 1 Page - Fox Electronics

  T5HD Datasheet HTML 1Page - Fox Electronics T5HD Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0x3.2mm HCMOS TCXO
T5HD
(former FOX551 Series)
DATASHEET
Page 1 of 2
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: T5HD SERIES STANDARD SPECIFICATIONS
Drawing Number: T5HD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 09/05/2019
Analog Temperature Compensation
Enable/Disable - Standby
INPUT CURRENT (IDD) (mA Max)
4 ~ 10MHz
10+ ~20MHz
20+~30MHz
30+~40MHz
40+~54MHz
2.5V
3.1
3.7
4.2
4.6
5.5
2.8V
3.4
4.1
4.7
5.2
6.0
3.3V
4.0
4.8
5.5
6.0
7.0
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
All specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (MHz)
4.0 ~ 54.000
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
See table below
-40ºC ~ +125ºC
Supply Voltage
(VDD) (±5%)
2.5V; 2.8V; 3.3V
Input Current
(IDD)
See table below
Initial Frequency Tolerance @ 25°C (1hr after reflow)
±2.0 PPM
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (VDD±5%)
Over Load Change 15pF+-10%
See table below
±0.3 PPM
±0.3 PPM
Output Voltage Level
(VOH)
(VOL)
0.9Vdd min
0.1Vdd
Output Load
15pF±10%
Aging per year
±1.0 PPM
Startup Time
(TS)
10mS
Enable Time
10mS
Disable Time
250nS
Phase Noise
@ 10kHz offset
-145 dBc/Hz Typical
Reflow Soldering Temp
260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Lead-Free
Yes
RoHS/REACH Compliant
Yes
Operating Temperature
±2.5 PPM
-30 ~+75ºC
O
-30 ~+85ºC
O
-40 ~+85ºC
O
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Part No. - T5HD

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
T5HN FOX-T5HN Datasheet
188Kb / 2P
5.0x3.2mm HCMOS TCXO/VCTCXO
More results

Similar Description - T5HD

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
logo
Fox Electronics
FOX751 FOX-FOX751 Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX551 FOX-FOX551 Datasheet
353Kb / 1P
SMD HCMOS TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Fox Electronics
O5HS FOX-O5HS Datasheet
324Kb / 7P
HCMOS 5.0x3.2mm SMD Oscillator
T5HN FOX-T5HN Datasheet
188Kb / 2P
5.0x3.2mm HCMOS TCXO/VCTCXO
T5CN FOX-T5CN Datasheet
241Kb / 2P
5.0x3.2mm C-Sine TCXO/VCTCXO
T3HD FOX-T3HD Datasheet
163Kb / 2P
3.2x2.5mm HCMOS TCXO
logo
Suzhou HangJing Electro...
TC53H4 HANGJING-TC53H4 Datasheet
366Kb / 1P
TCXO UNIT WITH HCMOS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com