Electronic Components Datasheet Search
  English  ▼

X  

T3HD Datasheet(PDF) 1 Page - Fox Electronics

Part # T3HD
Description  3.2x2.5mm HCMOS TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

T3HD Datasheet(HTML) 1 Page - Fox Electronics

  T3HD Datasheet HTML 1Page - Fox Electronics T3HD Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2x2.5mm HCMOS TCXO
T3HD
(former FOX351 Series)
DATASHEET
Page 1 of 2
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: T3HD SERIES STANDARD SPECIFICATIONS
Drawing Number: T3HD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 09/04/2019
Analog Temperature Compensation
Enable/Disable - Standby
INPUT CURRENT (IDD) (mA Max)
4 ~ 10MHz
10+ ~20MHz
20+~30MHz
30+~40MHz
40+~54MHz
2.5V
3.1
3.7
4.2
4.6
5.5
2.8V
3.4
4.1
4.7
5.2
6.0
3.3V
4.0
4.8
5.5
6.0
7.0
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
All specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (MHz)
4.0 ~ 54.000
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
See table below
-40ºC ~ +125ºC
Supply Voltage
(VDD) (±5%)
2.5V; 2.8V; 3.3V
Input Current
(IDD)
See table below
Initial Frequency Tolerance @ 25°C (1hr after reflow)
±2.0 PPM
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (VDD±5%)
Over Load Change 15pF+-10%
See table below
±0.3 PPM
±0.3 PPM
Output Voltage Level
(VOH)
(VOL)
0.9Vdd min
0.1Vdd
Output Load
15pF±10%
Aging per year
±1.0 PPM
Startup Time
(TS)
10mS
Enable Time
10mS
Disable Time
250nS
Phase Noise
@ 10kHz offset
-145 dBc/Hz Typical
Reflow Soldering Temp
260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Lead-Free
Yes
RoHS/REACH Compliant
Yes
Operating Temperature
±2.5 PPM
-30 ~+75ºC
O
-30 ~+85ºC
O
-40 ~+85ºC
O
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Part No. - T3HD

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
T3H-18G MARKIMICROWAVE-T3H-18G Datasheet
853Kb / 8P
TWO-TONE-TERMINATOR MIXER
T3H-20G MARKIMICROWAVE-T3H-20G Datasheet
855Kb / 8P
TWO-TONE-TERMINATOR MIXER
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Sensortechnics GmbH
T3HP-1PD-12-1SNP SENSORTECHNICS-T3HP-1PD-12-1SNP Datasheet
148Kb / 5P
Miniature diaphragm pumps
More results

Similar Description - T3HD

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
Y3H FOX-Y3H Datasheet
239Kb / 3P
HCMOS 3.2x2.5mm SMD VCXO
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0298A TAI-SAW-TX0298A Datasheet
140Kb / 7P
TCXO 3.2x2.5mm 12.2880MHz
REV. NO.: 1
TX0338A TAI-SAW-TX0338A Datasheet
147Kb / 8P
TCXO 3.2x2.5mm 30.00MHz
REV. NO.: 2
TX0430A TAI-SAW-TX0430A Datasheet
169Kb / 8P
TCXO 3.2x2.5mm 50.000MHz
REV. NO.: 2.0
TX0430B TAI-SAW-TX0430B Datasheet
223Kb / 7P
TCXO 3.2x2.5mm 50.000MHz
REV. NO.: 1.0
TX0559A TAI-SAW-TX0559A Datasheet
142Kb / 8P
TCXO 3.2x2.5mm 45.814583MHz
REV. NO.: 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com