Electronic Components Datasheet Search
  English  ▼

X  

TRSF3232ECDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3232ECDB
Description  3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ECDB Datasheet(HTML) 1 Page - Texas Instruments

  TRSF3232ECDB Datasheet HTML 1Page - Texas Instruments TRSF3232ECDB Datasheet HTML 2Page - Texas Instruments TRSF3232ECDB Datasheet HTML 3Page - Texas Instruments TRSF3232ECDB Datasheet HTML 4Page - Texas Instruments TRSF3232ECDB Datasheet HTML 5Page - Texas Instruments TRSF3232ECDB Datasheet HTML 6Page - Texas Instruments TRSF3232ECDB Datasheet HTML 7Page - Texas Instruments TRSF3232ECDB Datasheet HTML 8Page - Texas Instruments TRSF3232ECDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TRSF3232E
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS825 – AUGUST 2007
• Operates With 3-V to 5.5-V V
CC Supply
• Operates up to 1 Mbit/s
• Low Supply Current . . . 300 μA Typ
• External Capacitors . . . 4 × 0.1 μF
• Accept 5-V Logic Input With 3.3-V Supply
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection for RS-232 Pins
–
±15-kV Human-Body Model (HBM)
–
±15-kV IEC 61000-4-2 Air-Gap Discharge
–
±8-kV IEC 61000-4-2 Contact Discharge
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
The TRSF3232E consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). This device provides the electrical
interface between an asynchronous communication controller and the serial-port connector. The charge pump
and four small external capacitors allow operation from a single 3-V to 5.5-V supply. The TRSF3232E operates
at data signaling rates up to 1 Mbit/s and a driver output slew rate of 14 V/
μs to 150 V/μs.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 40
TRSF3232ECD
SOIC – D
TRSF3232EC
Reel of 2500
TRSF3232ECDR
Tube of 40
TRSF3232ECDW
SOIC – DW
TRSF3232EC
0
°C to 70°C
Reel of 2000
TRSF3232ECDWR
SSOP – DB
Reel of 2000
TRSF3232ECDBR
RT32EC
Tube of 90
TRSF3232ECPW
TSSOP – PW
RT32EC
Reel of 2000
TRSF3232ECPWR
Tube of 40
TRSF3232EID
SOIC – D
TRSF3232EI
SOIC – DW
TRSF3232EIDR
Tube of 40
TRSF3232EIDW
SOIC – DW
TRSF3232EI
–40
°C to 85°C
TSSOP – PW
TRSF3232EIDWR
SSOP – DB
Reel of 2000
TRSF3232EIDBR
RT32EI
Tube of 90
TRSF3232EIPW
TSSOP – PW
RT32EI
Reel of 2000
TRSF3232EIPWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRSF3232ECDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3232ECDB TI-TRSF3232ECDB Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232ECDBG4 TI-TRSF3232ECDBG4 Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232ECDBR TI-TRSF3232ECDBR Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232ECDBR TI-TRSF3232ECDBR Datasheet
2Mb / 40P
TRSF3232E 3V TO 5.5V Two-Channel RS-232 1Mbit/s Line Driver and Receiver with ±15kV IEC ESD Protection in Small Package
DECEMBER 2024
TRSF3232ECDBRG4 TI-TRSF3232ECDBRG4 Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRSF3232ECDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221E TI-SN65C3221E Datasheet
198Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
SN65C3232E TI-SN65C3232E Datasheet
305Kb / 15P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
SN65C3232E TI-SN65C3232E_07 Datasheet
459Kb / 18P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
TRSF3232E TI-TRSF3232E Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
SN65C3221E TI1-SN65C3221E_15 Datasheet
593Kb / 20P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221E TI-TRSF3221E_V01 Datasheet
893Kb / 21P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com