Electronic Components Datasheet Search
  English  ▼

X  

MWCT1004AFVLHPR Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MWCT1004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1004AFVLHPR Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MWCT1004AFVLHPR Datasheet HTML 5Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 6Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 7Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 8Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 9Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 10Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 11Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 12Page - NXP Semiconductors MWCT1004AFVLHPR Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
General
4.1 Absolute maximum ratings
NOTE
• Functional operating conditions appear in the DC electrical
characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maximum
values is not guaranteed. See footnotes in the following
table for specific conditions.
• Stress beyond the listed maximum values may affect device
reliability or cause permanent damage to the device.
• All the limits defined in the datasheet specification must be
honored together and any violation to any one or more will
not guarantee desired operation.
• Unless otherwise specified, all maximum and minimum
values in the datasheet are across process, voltage, and
temperature.
Table 1. Absolute maximum ratings
Symbol
Parameter
Conditions1
Min
Max
Unit
VDD2
2.7 V - 5. 5V input supply voltage
—
-0.3
5.8 3
V
VREFH
3.3 V / 5.0 V ADC high reference voltage
—
-0.3
5.8 3
V
IINJPAD_DC_ABS4
Continuous DC input current (positive /
negative) that can be injected into an I/O
pin
—
-3
+3
mA
VIN_DC
Continuous DC Voltage on any I/O pin
with respect to VSS
—
-0.8
5.85
V
IINJSUM_DC_ABS
Sum of absolute value of injected currents
on all the pins (Continuous DC limit)
—
—
30
mA
Tramp6
ECU supply ramp rate
—
0.5 V/min
500 V/ms
—
Tramp_MCU7
MCU supply ramp rate
—
0.5 V/min
100 V/ms
—
TA8
Ambient temperature
—
-40
125
°C
TSTG
Storage temperature
—
-55
165
°C
VIN_TRANSIENT
Transient overshoot voltage allowed on
I/O pin beyond VIN_DC limit
—
—
6.8 9
V
1. All voltages are referred to VSS unless otherwise specified.
2. As VDD varies between the minimum value and the absolute maximum value the analog characteristics of the I/O and the
ADC will both change. See section I/O parameters and ADC electrical specifications respectively for details.
3. 60 s lifetime – No restrictions i.e. The part can switch.
10 hours lifetime – Device in reset i.e. The part cannot switch.
4
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com